Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 73Page - Renesas Technology Corp 32174 Datasheet HTML 74Page - Renesas Technology Corp 32174 Datasheet HTML 75Page - Renesas Technology Corp 32174 Datasheet HTML 76Page - Renesas Technology Corp 32174 Datasheet HTML 77Page - Renesas Technology Corp 32174 Datasheet HTML 78Page - Renesas Technology Corp 32174 Datasheet HTML 79Page - Renesas Technology Corp 32174 Datasheet HTML 80Page - Renesas Technology Corp 32174 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 881 page
background image
3
3-16
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.7 Register Mapping of the SFR Area (3)
+0 Address
+1 Address
D0
D7
D8
D15
H’0080 021E
F/F Source Select Register 0 (FFS0)
F/F Source Select Register 1 (FFS1)
F/F Protect Register 0 (FFP0)
F/F Data Register 0 (FFD0)
H’0080 0220
H’0080 0222
H’0080 0224
H’0080 0226
H’0080 0228
H’0080 022A
F/F Protect Register 1 (FFP1)
F/F Data Register 1 (FFD1)
H’0080 0230
H’0080 0232
H’0080 0234
H’0080 0236
H’0080 0238
H’0080 023A
H’0080 023C
H’0080 023E
H’0080 0240
H’0080 0242
H’0080 0244
H’0080 0246
H’0080 0250
TOP Interrupt Control Register 0 (TOPIR0)
TOP Interrupt Control Register 1 (TOPIR1)
TOP Interrupt Control Register 2 (TOPIR2)
TIO Interrupt Control Register 0 (TIOIR0)
TIO Interrupt Control Register 2 (TIOIR2)
TOP Interrupt Control Register 3 (TOPIR3)
TIO Interrupt Control Register 1 (TIOIR1)
TMS Interrupt Control Register (TMSIR)
TIN Interrupt Control Register 0 (TINIR0)
TIN Interrupt Control Register 2 (TINIR2)
TIN Interrupt Control Register 4 (TINIR4)
TIN Interrupt Control Register 6 (TINIR6)
TIN Interrupt Control Register 1 (TINIR1)
TIN Interrupt Control Register 3 (TINIR3)
TIN Interrupt Control Register 5 (TINIR5)
TOP0 Counter (TOP0CT)
TOP0 Reload Register (TOP0RL)
TOP0 Correction Register (TOP0CC)
TOP1 Counter (TOP1CT)
Address
H’0080 0252
H’0080 0254
H’0080 0260
H’0080 0262
H’0080 0264
H’0080 0266
TOP1 Reload Register (TOP1RL)
TOP1 Correction Register (TOP1CC)
H’0080 0256
TOP2 Counter (TOP2CT)
TOP2 Reload Register (TOP2RL)
TOP2 Correction Register (TOP2CC)
TOP3 Counter (TOP3CT)
TOP3 Reload Register (TOP3RL)
TOP3 Correction Register (TOP3CC)
H’0080 0270
H’0080 0272
H’0080 0274
H’0080 0276
H’0080 0280
H’0080 0282
H’0080 0284
H’0080 0286
TOP4 Counter (TOP4CT)
TOP4 Reload Register (TOP4RL)
TOP4 Correction Register (TOP4CC)
TOP5 Counter (TOP5CT)
TOP5 Reload Register (TOP5RL)
H’0080 0290
H’0080 0292
H’0080 0294
H’0080 0216
H’0080 021C
H’0080 0218
H’0080 021A
TIN Input Processing Control Register 2 (TINCR2)
TIN Input Processing Control Register 3 (TINCR3)
TIN Input Processing Control Register 4 (TINCR4)
TIN Interrupt Control Register 7 (TINIR7)
Blank addresses are reserved areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com