Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 49Page - Renesas Technology Corp 32174 Datasheet HTML 50Page - Renesas Technology Corp 32174 Datasheet HTML 51Page - Renesas Technology Corp 32174 Datasheet HTML 52Page - Renesas Technology Corp 32174 Datasheet HTML 53Page - Renesas Technology Corp 32174 Datasheet HTML 54Page - Renesas Technology Corp 32174 Datasheet HTML 55Page - Renesas Technology Corp 32174 Datasheet HTML 56Page - Renesas Technology Corp 32174 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 881 page
background image
2
2-6
32170/32174 Group User's Manual (Rev. 2.1)
2.4 Accumulator
The accumulator (ACC) is a 56-bit register used by DSP function instructions. When read out or
written to, it is handled as a 64-bit register. When reading, the value of bit 8 is sign-extended. When
writing, bits 0--7 are ignored. Also, the accumulator is used by the multiplication instruction "MUL."
Note that when executing this instruction, the value of the accumulator is destroyed.
The "MVTACHI" and "MVTACLO" instructions are used to write to the accumulator. The
"MVTACHI" instruction writes data to the 32 high-order bits (bits 0-31), and the "MVTACLO"
instruction writes data to the 32 low-order bits (bits 32-63).
The "MVFACHI," "MVFACLO," and "MVFACMI" instructions are used to read data from the
accumulator. The "MVFACHI" instruction reads data from the 32 high-order bits (bits 0-31), the
"MVFACLO" instruction reads data from the 32 low-order bits (bits 32-63), and the "MVFACHI"
instruction reads data from the 32 middle bits (bits 16-47).
CPU
2.4 Accumulator
Note: Bits 0-7 always show the sign-extended value of bit 8. Writes to this bit field are ignored.
PC
PC
0
31(LSB)
0(MSB)
2.5 Program Counter
The Program Counter (PC) is a 32-bit counter used to hold the address of the currently executed
instruction. Because M32R instructions each start from an even address, the LSB (bit 31) is always
0.
32
48
63(LSB)
31
16
15
0(MSB)
47
78
Range of bits read by MVFACMI
instruction
Range of bits read/written to by
MVFACHI/MVTACHI instructions
Range of bits read/written to by
MVFACLO/MVTACLO instructions
ACC
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com