Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 52Page - Renesas Technology Corp 32174 Datasheet HTML 53Page - Renesas Technology Corp 32174 Datasheet HTML 54Page - Renesas Technology Corp 32174 Datasheet HTML 55Page - Renesas Technology Corp 32174 Datasheet HTML 56Page - Renesas Technology Corp 32174 Datasheet HTML 57Page - Renesas Technology Corp 32174 Datasheet HTML 58Page - Renesas Technology Corp 32174 Datasheet HTML 59Page - Renesas Technology Corp 32174 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 881 page
background image
2
2-9
32170/32174 Group User's Manual (Rev. 2.1)
(2) Data formats in memory
Data sizes in memory are either byte (8 bits), halfword (16 bits), or word (32 bits). Byte data can
be located at any address. However, halfword data must be located at halfword boundaries
(where the LSB address bit = "0"), and word data must be located at word boundaries (where two
LSB address bits = "00"). If an attempt is made to access memory data across these halfword or
word boundaries, an address exception is generated.
Figure 2.6.3 Data Formats in Memory
CPU
2.6 Data Formats
Address
Byte
Halfword
Word
+ 0 address
+ 1 address
+ 2 address
+ 3 address
031
Byte
7
8
15 16
23 24
(MSB)
(LSB)
(MSB)
(LSB)
Byte
Byte
Byte
Halfword
Halfword
Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com