| Electronic Components Datasheet Search |
|
32174 Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32174 Datasheet(HTML) 6 Page - Renesas Technology Corp |
|
6 / 881 page ![]() Rev. Date of Contents of revision issue Pages Points Revision History 32170/32174 Group User's Manual 2.1 Jan.16,03 ( 2 ⁄ 4 ) P6-50 M32174F4’s virtual-flash emulation area divided in units of 4 Kbytes added to Figure 6.7.11 P6-51 M32174F3’s virtual-flash emulation area divided in units of 8 Kbytes added to Figure 6.7.12 M32174F3’s virtual-flash emulation area divided in units of 8 Kbytes added to Figure 6.7.13 P6-60 Precautions added P7-4 Table 7.3.2 added P8-31– Figures 8.4.1 through 8.4.4 corrected P8-34 P8-35 Section 8.5, “Precautions on Input/output Ports,” newly added P10-1– Chapter 10 overall. Prescalers uniformly referred to as PRS P10-232 P10-83 Figure 10.3.8 corrected P10-184– (1) TOD timer counter write enable/disable conditions newly added P10-185 P10-213– (1) TOM timer counter write enable/disable conditions newly added P10-214 P11-3 Table 11.1.1 corrected P11-48 Contents of description in Section 11.3.5, “Definition of A-D Conversion Accuracy,” altered P11-49 Figure 11.3.5 altered Figures 11.3.6 and 11.3.7 deleted P11-51 Figure 11.4.1, “Internal Equivalent Circuit of the Analog Input Unit,” newly added P12-27 Description of the last line in Section 12.2.8, “SIO Baud Rate Register,” corrected Incorrect) 7 or less → Correct) 7 or more P12-61 Figure 12.7.5, “Timing at Which to Latch Data during UART Reception,” newly added P13-2 Description in Section 13.1, “Outline of the CAN Module,” corrected Incorrect) Compliant with CAN (Controller Area Network) Specification 2.0B Correct) Compliant with CAN (Controller Area Network) Specification 2.0B active |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |