Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 59Page - Renesas Technology Corp 32174 Datasheet HTML 60Page - Renesas Technology Corp 32174 Datasheet HTML 61Page - Renesas Technology Corp 32174 Datasheet HTML 62Page - Renesas Technology Corp 32174 Datasheet HTML 63Page - Renesas Technology Corp 32174 Datasheet HTML 64Page - Renesas Technology Corp 32174 Datasheet HTML 65Page - Renesas Technology Corp 32174 Datasheet HTML 66Page - Renesas Technology Corp 32174 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 881 page
background image
3
3-2
32170/32174 Group User's Manual (Rev. 2.1)
3.1 Outline of Address Space
The M32R's logical addresses are always handled in 32 bits, providing 4 Gbytes of linear ad-
dress space. The M32R/ECU's address space consists of the following:
(1) User space
• Internal ROM area
• Extended external area
• Internal RAM area
• Special Function Register (SFR) area
(2) Boot program space
(3) System space (areas not open to the user)
(1) User space
A 2 Gbytes of address space from H'0000 0000 to H'7FFF FFFF is the user space. Located in
this space are the internal ROM area, extended external area, internal RAM area, and Spe-
cial Function Register (SFR) area, an area containing a group of internal peripheral I/O regis-
ters. Of these, the internal ROM and extended external areas are located differently depend-
ing on mode settings which will be described later.
(2) Boot program space
A 1 Gbyte of address space from H'8000 0000 to H'BFFF FFFF is the boot program space.
This space stores a program (boot program) which enables on-board programming when the
internal flash area is blank.
(3) System space
A 1 Gbyte of address space from H'C000 0000 to H'FFFF FFFF is the system space. This
space is reserved for use by development tools such as an in-circuit emulator or a debug
monitor, and cannot be used by the user.
ADDRESS SPACE
3.1 Outline of Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com