Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 65Page - Renesas Technology Corp 32174 Datasheet HTML 66Page - Renesas Technology Corp 32174 Datasheet HTML 67Page - Renesas Technology Corp 32174 Datasheet HTML 68Page - Renesas Technology Corp 32174 Datasheet HTML 69Page - Renesas Technology Corp 32174 Datasheet HTML 70Page - Renesas Technology Corp 32174 Datasheet HTML 71Page - Renesas Technology Corp 32174 Datasheet HTML 72Page - Renesas Technology Corp 32174 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 881 page
background image
3
3-8
32170/32174 Group User's Manual (Rev. 2.1)
3.2 Operation Modes
This microcomputer is placed in one of the following modes by setting its operation mode (using
MOD0 and MOD1 pins). For details about the mode used to rewrite the internal flash memory, refer
to Section 6.5, "Programming of Internal Flash Memory."
Table 3.2.1 Setting Operation Modes
MOD0
MOD1 (Note 1)
Operation Mode (Note 2)
VSS
VSS
Single-chip mode
VSS
VCCE
Extended external mode
VCCE
VSS
Processor mode (FP = VSS)
VCCE
VCCE
Reserved (cannot be used)
Note 1: VCCE connects to +5 V or 3.3V, and VSS connects to GND.
Note 2: For flash rewrite mode (FP = VCCE) not listed in the above table, refer to Section 6.5, "Programming
of Internal Flash Memory."
The internal ROM and extended external areas are located differently depending on this
microcomputer's operation mode. (All other areas in address space are located the same way.)
The address maps of internal ROM and extended external areas in each mode are shown below.
(For details about internal flash memory rewrite mode, refer to Section 6.5, "Programming of Internal
Flash Memory.")
ADDRESS SPACE
3.2 Operation Modes
Figure 3.2.1 M32170F6 Operation Mode and Internal ROM/Extended External Areas
H'0000 0000
H'000B FFFF
H'000C 0000
H'003F FFFF
Non-CS0 area
<Single-chip mode>
<Processor mode>
CS1 area
(2 Mbytes)
CS0 area
(2 Mbytes)
CS1 area
(2 Mbytes)
<Extended external mode>
Internal ROM
area
(768 Kbytes)
Internal ROM
area
(768 Kbytes)
H'000F FFFF
H'0010 0000
H'001F FFFF
H'0020 0000
CS0 area
(1 Mbyte)
Reserved area
(256 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com