Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 78Page - Renesas Technology Corp 32174 Datasheet HTML 79Page - Renesas Technology Corp 32174 Datasheet HTML 80Page - Renesas Technology Corp 32174 Datasheet HTML 81Page - Renesas Technology Corp 32174 Datasheet HTML 82Page - Renesas Technology Corp 32174 Datasheet HTML 83Page - Renesas Technology Corp 32174 Datasheet HTML 84Page - Renesas Technology Corp 32174 Datasheet HTML 85Page - Renesas Technology Corp 32174 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 881 page
background image
3
3-21
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.12 Register Mapping of the SFR Area (8)
+0 Address
+1 Address
D0
D7 D8
D15
P2 Direction Register (P2DIR)
P3 Direction Register (P3DIR)
P4 Direction Register (P4DIR)
P6 Direction Register (P6DIR)
P7 Direction Register (P7DIR)
P8 Direction Register (P8DIR)
P9 Direction Register (P9DIR)
P10 Direction Register (P10DIR)
P11 Direction Register (P11DIR)
P12 Direction Register (P12DIR)
P13 Direction Register (P13DIR)
P14 Direction Register (P14DIR)
P15 Direction Register (P15DIR)
H’0080 0724
H’0080 0722
H’0080 0728
H’0080 0726
H’0080 072C
H’0080 072A
H’0080 0730
H’0080 072E
Address
H’0080 0746
H’0080 074A
H’0080 0748
H’0080 074E
H’0080 074C
P6 Operation Mode Register (P6MOD)
P7 Operation Mode Register (P7MOD)
P8 Operation Mode Register (P8MOD)
P9 Operation Mode Register (P9MOD)
P10 Operation Mode Register (P10MOD)
P11 Operation Mode Register (P11MOD)
P12 Operation Mode Register (P12MOD)
P13 Operation Mode Register (P13MOD)
P14 Operation Mode Register (P14MOD)
P15 Operation Mode Register (P15MOD)
P16 Direction Register (P16DIR)
P17 Direction Register (P17DIR)
H’0080 0750
P16 Operation Mode Register (P16MOD)
P17 Operation Mode Register (P17MOD)
H’0080 078C
TID0 Counter (TID0CT)
TID0 Reload Register (TID0RL)
H’0080 078E
H’0080 0790
TOD0_0 Counter (TOD00CT)
TOD0_0 Reload 1 Register (TOD00RL1)
TOD0_0 Reload 0 Register (TOD00RL0)
TOD0_1 Counter (TOD01CT)
TOD0_1 Reload 1 Register (TOD01RL1)
TOD0_0 Reload 0 Register (TOD01RL0)
TOD0_2 Counter (TOD02CT)
TOD0_2 Reload 1 Register (TOD02RL1)
H’0080 0794
H’0080 0792
H’0080 0798
H’0080 0796
H’0080 079C
H’0080 079A
H’0080 07A0
H’0080 079E
H’0080 07A4
H’0080 07A2
H’0080 0744
Port Input Function Enable Register (PIEN)
P22 Data Register (P22DATA)
H’0080 0716
H’0080 0720
H’0080 0732
H’0080 0734
H’0080 0736
P18 Direction Register (P18DIR)
P20 Direction Register (P20DIR)
P22 Direction Register (P22DIR)
P19 Direction Register (P19DIR)
P21 Direction Register (P21DIR)
H’0080 0752
H’0080 0754
H’0080 0756
P18 Operation Mode Register (P18MOD)
P20 Operation Mode Register (P20MOD)
P22 Operation Mode Register (P22MOD)
P19 Operation Mode Register (P19MOD)
P21 Operation Mode Register (P21MOD)
Bus Mode Control Register (BUSMODC)
P0 Direction Register (P0DIR)
P1 Direction Register (P1DIR)
H’0080 077E
H’0080 07A6
H’0080 07A8
H’0080 07AA
TOD0_2 Reload 0 Register (TOD02RL0)
TOD0_3 Counter (TOD03CT)
TOD0_3 Reload 1 Register (TOD03RL1)
TOD0_3 Reload 0 Register (TOD03RL0)
H’0080 07AC
H’0080 07AE
Blank addresses are reserved areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com