Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 5Page - Renesas Technology Corp 32174 Datasheet HTML 6Page - Renesas Technology Corp 32174 Datasheet HTML 7Page - Renesas Technology Corp 32174 Datasheet HTML 8Page - Renesas Technology Corp 32174 Datasheet HTML 9Page - Renesas Technology Corp 32174 Datasheet HTML 10Page - Renesas Technology Corp 32174 Datasheet HTML 11Page - Renesas Technology Corp 32174 Datasheet HTML 12Page - Renesas Technology Corp 32174 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 881 page
background image
(1)
Table of contents
CHAPTER 1 OVERVIEW
1.1 Outline ................................................................................................................ 1-2
1.1.1 M32R Family CPU Core ............................................................................. 1-2
1.1.2 Built-in Multiply-Accumulate Operation Function ........................................ 1-3
1.1.3 Built-in Flash Memory and RAM ................................................................. 1-3
1.1.4 Built-in Clock Frequency Multiplier ............................................................. 1-4
1.1.5 Built-in Powerful Peripheral Functions ........................................................ 1-4
1.1.6 Built-in Full-CAN Function .......................................................................... 1-6
1.1.7 Built-in Debug Function .............................................................................. 1-6
1.2 Block Diagram ................................................................................................... 1-7
1.3 Pin Function .................................................................................................... 1-11
1.4 Pin Layout ........................................................................................................ 1-19
CHAPTER 2 CPU
2.1 CPU Registers ................................................................................................... 2-2
2.2 General-purpose Registers .............................................................................. 2-2
2.3 Control Registers .............................................................................................. 2-3
2.3.1 Processor Status Word Register: PSW (CR0) ............................................ 2-4
2.3.2 Condition Bit Register: CBR (CR1) ............................................................. 2-5
2.3.3 Interrupt Stack Pointer: SPI (CR2) .............................................................. 2-5
User Stack Pointer: SPU (CR3)
2.3.4 Backup PC: BPC (CR6) .............................................................................. 2-5
2.4 Accumulator ...................................................................................................... 2-6
2.5 Program Counter .............................................................................................. 2-6
2.6 Data Formats ..................................................................................................... 2-7
2.6.1 Data Types ................................................................................................. 2-7
2.6.2 Data Formats .............................................................................................. 2-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com