Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 4 Page - Analog Devices

  AD7280 Datasheet HTML 1Page - Analog Devices AD7280 Datasheet HTML 2Page - Analog Devices AD7280 Datasheet HTML 3Page - Analog Devices AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 4 of 33
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
During Conversion
300
mW
VDD = 30 V
Full Powerdown Mode
120
µW
VDD = 30 V
1 Temperature range is −40°C to +105°C.
2 For dc accuracy specifications, the LSB size for cell voltage measurements is (2VREF-1V)/4096, the LSB size for temperature measurements is 2VREF/4096.
3 ADC Unadjusted Error includes the INL of the ADC and the Gain and Offset Errors of the Vin0 to Vin6 input channels.
4 Total Unadjusted Error includes the INL of the ADC and the Gain and Offset Errors of the Vin0 to Vin6 input channels as well as the temperature coefficient of the 2.5V reference.
5 ADC Unadjusted Error includes the INL of the ADC and the Gain and Offset Errors of the VT input channels.
6 Total Unadjusted Error includes the INL of the ADC and the Gain and Offset Errors of the VT input channels as well as the temperature coefficient of the 2.5V reference.
7 This spec outlines the regulator output current which is available for external use, that is, it does not include the regulator current already being used by the AD7280.
8 CB output can be set to 0V or 5V with respect to negative terminal of cell being balanced.
9 CB1 output ramp up time is defined from the rising edge of the CS command until the CB output exceeds 4V with respect to negative terminal of cell being balanced.
10 CB1 output ramp down time is defined from the falling edge of the CS command until the CB output falls below 50mV with respect to negative terminal of cell being
balanced. This specification is defined from the falling edge of CS as any CB outputs which on are switched off for the duration of a CS low pulse and will be switched
back on following the rising edge of that CS pulse.
11 CB2 to CB6 output ramp up time is defined from the rising edge of the CS command until the CB output exceeds 4V with respect to negative terminal of cell being
balanced.
12 CB2 to CB6 output ramp down time is defined from the falling edge of the CS command until the CB output falls below 50mV with respect to negative terminal of cell
being balanced. This specification is defined from the falling edge of CS as any CB outputs which on are switched off for the duration of a CS low pulse and will be
switched back on following the rising edge of that CS pulse.
TIMING SPECIFICATIONS
VDD = 7.5 V to 30 V, VSS = 0 V, DVCC = AVCC = VREG, VDRIVE = 2.7 V to 5.25 V, TA = -40oC to 105oC, unless otherwise noted.1
Table 2.
Limit at TMIN, TMAX
Parameter
2.7 V ≤ VDRIVE < 4.75 V
4.75 V ≤ VDRIVE ≤ 5.25 V
Unit
Test Conditions/Comments
tCONV
610
610
ns max
ADC Conversion time
tDELAY
50
50
ns max
Propogation delay between adjacent parts on the Daisy
Chain
fSCLK
10
10
kHz min
Frequency of serial read clock
1
1
MHz max
tQUIET
200
200
ns min
Minimum quiet time required between the end of serial
read and the start of the next conversion
t1
10
10
ns min
Minimum CONVST low pulse
t2
10
10
ns min
CS falling edge to SCLK rising edge
t3
10
10
ns max
Delay from CS falling edge until SDO is three-state
disabled
t4
5
5
ns min
SDI setup time prior to SCLK falling edge
t5
3
3
ns min
SDI hold time after SCLK falling edge
t62
20
14
ns max
Data access time after SCLK falling edge
t7
7
7
ns min
SCLK to data valid hold time
t8
0.3 × tSCLK
0.3 × tSCLK
ns min
SCLK high pulse width
t9
0.3 × tSCLK
0.3 × tSCLK
ns min
SCLK low pulse width
t10
10
10
ns min
CS rising edge to SCLK rising edge
t11
10
10
ns max
CS rising edge to SDO high impedance
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance.
2 The time required for the output to cross 0.4 V or 2.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com