Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 3 Page - Analog Devices

  AD7280 Datasheet HTML 1Page - Analog Devices AD7280 Datasheet HTML 2Page - Analog Devices AD7280 Datasheet HTML 3Page - Analog Devices AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 3 of 33
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE
Reference Voltage
2.495
2.5
2.505
V
VREF @ 25oC
Reference Temperature
Coefficient
±3
±15
ppm/°C
-40 oC to +85 oC
Output Voltage Hysteresis
50
ppm
-40 oC to +85 oC
Long Term Drift
100
ppm/1000
Hours
Line Regulation
±15
ppm/V
AVDD =7.5V
Turn-On Settling Time
5
ms
VREF = 10uF , CREF = 100nF
REGULATOR OUTPUT
Input Voltage Range
7.5
30
V
Output Voltage VREG
4.75
5
5.25
V
Output Current7
1
mA
Line Regulation
0.4
mV/V
Load Regulation
2.5
mV/mA
Output Noise Voltage
700
uV
Internal Short Protection Limit
20
mA
For a 10 Ohm short
CELL BALANCING OUTPUTS8
Output High Voltage, VOH
4
5
5.25
V
For a 80pF load, ISOURCE = 40 nA
Output Low Voltage, VOL
0
V
CB1 Output ramp up time9
5
us
For a 80pF load
CB1 Output ramp down time10
50
ns
For a 80pF load
CB2-CB6 Output ramp up
time11
350
us
For a 80pF load
CB2-CB6 Output ramp down
time12
330
us
For a 80pF load
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE – 0.2
V
Input Low Voltage, VINL
0.4
V
Input Current, IIN
±1
µA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Floating-State Leakage
Current
±1
µA
Floating-State Output
Capacitance
5
pF
Output Coding
Straight natural binary
POWER REQUIREMENTS
VDD
7.5
30
V
During Conversion
IDD
7
10
mA
VDD = 30 V
Data Readback
IDD
4
8
mA
VDD = 30 V
Cell Balancing mode
IDD
2
mA
VDD = 30 V
Software Powerdown Mode
IDD
1
mA
VDD = 30 V
Full Powerdown Mode
IDD
4
µA
VDD = 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com