Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices AD7280 Datasheet HTML 22Page - Analog Devices AD7280 Datasheet HTML 23Page - Analog Devices AD7280 Datasheet HTML 24Page - Analog Devices AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 22 of 33
Read Conversion Results
Bits D13 and D12 of the CONTROL register determine which
cell voltages and temperatures conversion results are supplied to
the serial or Daisychain data outputs pins for readback. The
default value of D15 and D14 on power up are 00.
Conversion Start Format
The AD7280 offers two methods of initiating a conversion, the
hardware CNVST pin or the software CS input. Bit D11 of the
CONTROL register determines whether a conversion is
initiated on the falling edge of the CNVST input or on the rising
edge of the CS input. The default format on power up is the
CNVST pin.
Conversion Averaging
Bits D10 and D9 of the CONTROL register determines the
number of conversions completed on each input with the
average result being stored in the Result registers. The default
value of the Conversion Averaging bits is 00, that is no
averaging.
Powerdown Format
Bit D8 of the CONTROL register allows the AD7280 be placed
into a software powerdown. Pleas refer to the Power Down
section of more details. The default format on power up is the
PD pin.
Software Reset
Bit D7 of the CONTROL register allows the user to initiate a
software Reset of the AD7280. Two write commands are
required to complete the reset operation. Bit D7 must be set
high to put the AD7280 into Reset. Bit D7 must then be set low
to bring the AD7280 out of Reset.
Select Acquisition Time
Bits D6 and D5 of the CONTROL register determine the
Acquisition time of the ADC. Please refer to the Track-and-
Hold section for further detail. The default value of the
Conversion time setting is 00.
Table 15.Analog Input Acquisition Time.
D6 to D5
Acquisition Time
00
400 ns
01
800 ns
10
1.2
µs
11
1.6
µs
Thermistor Termination Resistor
Bit D3 of the CONTROL register should be set if the user
wishes to use a single thermistor termination resistor on the
VTTERM pin. It should be noted that, due to settling time
requirements, the thermistor termination resistor option should
only be used when the acquisition time of the AD7280 is set to
its highest value, that is 1.6µs.
OVER VOLTAGE REGISTER
Table 16. 8-Bit Register
Fh
D7 to D0
Read/Write
The OVERVOLTAGE THRESHOLD register determines the
high voltage threshold of the AD7280. Cell voltage conversions
which exceed the Over Voltage threshold trigger the ALERT
output. The AD7280 allows the user to set the Over Voltage
threshold to a value between 1V and 5V. The resolution of the
Over Voltage threshold is 8-bits, that is 16mV. The default value
of the Over Voltage threshold on power up is TBD mV.
UNDER VOLTAGE REGISTER
Table 17. 8-Bit Register
10h
D7 to D0
Read/Write
The UNDER VOLTAGE THRESHOLD register determines the
low voltage threshold of the AD7280. Cell voltage conversions
lower than the Under Voltage threshold trigger the ALERT
output. The AD7280 allows the user to set the Under Voltage
threshold to a value between 1V and 5V. The resolution of the
Under Voltage threshold is 8-bits, that is 16mV. The default
value of the Under Voltage threshold on power up is TBD mV.
OVER TEMP REGISTER
Table 18. 8-Bit Register
11h
D7 to D0
Read/Write
The OVER TEMP THRESHOLD register determines the high
temperature threshold of the AD7280. Cell temperature
conversions which exceed the Over Temp threshold trigger the
ALERT output. The AD7280 allows the user to set the Over
Temperature threshold to a value between 0V and 5V. The
resolution of the Over Temperature threshold is 8-bits, that is
19mV. The default value of the Over Voltage threshold on
power up is TBD mV.
UNDER TEMP REGISTER
Table 19. 8-Bit Register
12h
D7 to D0
Read/Write
The UNDER TEMP THRESHOLD register determines the low
temperature threshold of the AD7280. Cell temperature
conversions lower than the Under Voltage threshold trigger the
ALERT output. The AD7280 allows the user to set the Under
Temperature threshold to a value between 0V and 5V. The
resolution of the Under Voltage threshold is 8-bits, that is 19mV.
The default value of the Under Voltage threshold on power up is
TBD mV.
ALERT REGISTER
Table 20. 8-Bit Register
13h
D7 to D0
Read/Write
The ALERT register determines the configuration of the ALERT
function. The ALERT can be configured to be a static signal or
a square wave. The static signal can be programmed to be
either high or low. The frequency of the square wave can be set
to either 100Hz or 1kHz. When a number of AD7280s are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com