Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 15 of 33
CNVST
t1
INTERNAL ADC
CONVERSIONS
VOLT 2
VOLT 3
TEMP 6
tCONVERT
VOLT 1
tCONVERT
tACQ
Figure 12. ADC conversions on the AD7280
SCLK
SERIAL READ OPERATION
CS
1
24 x NO. OF CONVERSIONS
tQUIET
CNVST
INTERNAL ADC
CONVERSIONS
V 1
V 3
V 2
T 6
V 1
V 2
t1
Figure 13. ADC conversions & Readback on the AD7280
Converting Cell Voltages and Temperatures with a chain
of AD7280s
The AD7280 provides a daisy chain interface which allows up to
50 parts to be stacked without the need for individual isolation.
One feature of this daisychain interface is the ability to initiate
conversions on all parts in the daisychain stack with a single
conversion start command. The conversion can be initiated
through a single CNVST pulse or through the rising edge of CS
on the SPI interface. The convert start command is transferred
up the daisychain, from the master device, to each AD7280 in
turn. The delay time between each AD7280 is tDELAY, as outlined
in Figure 14. The maximum delay between the start of
conversions on the master AD7280 and the last AD7280 device
in the chain can be determined by multiplying tDELAY by the
number ofAD7280s in the daisychain. The total conversion
time for all cell voltage and temperature conversions can be
calculated using the following equation:
Total Conversion time = ((tACQ + tCONV) × (#conversions per
part) - tACQ + (#parts x tDELAY)
Where
tACQ is the analog input acquisition time of the AD7280 as
outlined in Table 7
tCONV is the conversion time of the AD7280 as outlined in Table
2
#conversions per part is 6, 9 or 12 as outlined in Table 6.
#parts is the number of AD7280s in the daisychain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com