Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7280 Datasheet HTML 3Page - Analog Devices AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 7 of 33
20
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7280. The DGND and AGND voltages
should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
21
CS
Chip select Input. When acting as a master, that is the Master pin of the AD7280 is connected to VDD, the CS
input is used to frame the input and output data on the SPI. The CS input also frames the input and output data
on the Daisy Chain Interface when the MASTER input of the AD7280 is connected to VSS.
22
SCLK
Serial Clock Input. When acting as master the SCLK input is supplied from the DSP/uP. When acting as a slave on
the Daisy Chain this input should be connected to the SCLKhi output of the AD7280 immediately below it in
potential in the Daisy Chain.
23
SDI
Serial Data Input. Data to be written to the on-chip registers is provided on this input and is clocked into the
AD7280 on the falling edge of SCLK. When acting as master this is the data input of the SPI interface. When
acting as a slave on the Daisy Chain this input acepts data from the SDOhi output of the AD7280 immediately
below it in potential in the Daisy Chain.
24
CNVST
Convert Start Input. The conversion is initiated on the falling edge of CONVST. When acting as master the
CNVST pulse is supplied from the DSP/uP. When acting as a slave on the Daisy Chain this input should be
connected to the CNVSThi output of the AD7280 immediately below it in potential in the Daisy Chain. This
input can also be tied to VCC and the conversion initiated through the serial interface.
25
SDOlo
Serial Data Output in Daisy Chain mode. This output should be connected to the SDIhi input of the AD7280
immediately below it in potential on the Daisy Chain. The data from each AD7280 in the Daisy Chain will be
passed through the SDOlo outputs and SDIhi inputs of each AD7280 in the chain and supplied to the uP/DSP
through the SDO output of the master AD7280.
26
SDO
Serial Data Output. The conversion output data or the register output data is supplied to this pin as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input, and 24 SCLKs are required to access the
data. The data is provided MSB first. In a Daisy Chain application the SDO output of the master AD7280 should
be connected to the uP/DSP. The SDO outputs of the remaining AD7280s in the chain should be terminated to
VSS through a 1k
Ω resistor. The data from each AD7280 in the Daisy Chain will be passed through the SDOlo
outputs and SDIhi inputs of each AD7280 in the chain and supplied to the uP/DSP through the SDO output of
the master AD7280. 24 SCLKs are required for each AD7280 in the chain to access the data.
27
ALERT
Digital Output. Flag to indicate over voltage, under voltage, over temperature or under temperature. The ALERT
output of the master AD7280 should be connected to the uP/DSP. The ALERT outputs of the remaining
AD7280s in the chain should be be terminated to VSS through a 1k
Ω resistor..
28
ALERTlo
Alert Output in Daisy Chain mode. The alert signal from each AD7280 in the Daisy Chain will be passed through
the ALERTlo outputs and ALERThi inputs of each AD7280 in the chain and supplied to the uP/DSP through the
ALERT output of the master AD7280. This input should be connected to the ALERThi input of the AD7280
immediately below it in potential on the Daisy Chain.
29
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
This pin should be decoupled to DGND. The voltage range on this pin is 2.7 V to 5.25 V and may be different to
the voltage at AVCC and DVCC, but should never exceed either by more than 0.3 V.
30
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC core. The AVCC and DVCC voltages
should ideally be at the same potential. For best performance, it is recommended that the DVCC and AVCC pins
be shorted together, to ensure that the voltage difference between them never exceeds 0.3 V even on a
transient basis. This supply should be decoupled to AGND. Place 100 nF decoupling capacitors on the AVCC pin.
The AVCC supply pin should be externally connected to the VREG output.
31
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7280. This input should be at the
same potential as the base of the series connected battery cells. The AGND and DGND voltages ideally should
be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
32
VTTERM
Thermistor termination resistor input.
33 to 38
VT6 to VT1
Voltage temperature input from potential divider with thermistor.
39
CREF
A 100 nF decoupling capacitor to REFGND should be placed on this pin.
40
VREF
Reference Output. The on-chip reference is availble on this pin for use external to the AD7280. The nominal
internal reference voltage is 2.5V, which appears at the pin. A 10
µF decoupling capacitor to REFGND is
recommended on this pin.
41
REFGND
Reference Ground. This is the ground reference point for the internal bandgap reference circuitry on the
AD7280. The REFGND voltage should be at the same potential as the AGND voltage.
42
ALERThi
Alert Input in Daisy Chain mode. Flag to indicate over voltage, under voltage, over temperature or under
temperature in Daisy Chain mode. The alert signal from each AD7280 in the Daisy Chain will be passed through
the ALERTlo outputs and ALERThi inputs of each AD7280 in the chain and supplied to the uP/DSP through the
ALERT output of the master AD7280. This input should be connected to the ALERTlo output of the AD7280
immediately above it in potential on the Daisy Chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com