Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices AD7280 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 18 of 33
AD7280
VT6
VT5
VT4
VT3
VT2
VT1
VTTERM
VREG
VSS
Rterm
Figure 18. Typical Circuit using the Thermistor Termination Resistor
In the example shown the termination resistor is placed
between the source voltage and the thermistor in the thermistor
circuit. The VTTERM input may be used to terminate the
thermistor inputs to either high or low voltage of the
Thermistor circuit.
POWER REQUIREMENTS
The current consumed by the AD7280 in normal operation, that
is when not in powerdown mode, is dependant on the mode in
which the part is being operated. In a typical Lithium Ion
battery monitoring application there are 3 distinct modes of
operation. These can be described as follows:
•
Voltage and Temperature Conversion
•
AD7280 Configuration & Data Readback
•
Cell Balancing
The AD7280 consumes its highest level of current while
converting voltage and/or temperature inputs to digital outputs.
Depending on the configuration of the AD7280 the conversion
time can be as little as 6us. As outlined in Table 1 the typical
current required by the AD7280 during conversion is 7mA.
When configuring the chain of AD7280s or when reading back
the voltage and/or temperature conversion results from a chain
of AD7280s the current required for each AD7280 is typically
4mA, as outlined in Table 1. The time required to read back the
voltage conversions results from 96 Lithium Ion cells will
depend on the speed of the interface clock used, that is SCLK,
but it can be as low as 2.5ms.
The typical current consumed by the AD7280 when the cell
balancing outputs are switched on is 1mA. The duration of the
Cell Balance outputs on time is defined by the user.
When the AD7280 is not being used in any of the above modes
of operation it is recommended that the AD7280 be powered
down, as outlined below. This will significantly reduce the
current draw by each AD7280 on the chain which will avoid
unnecessary draining of the Lithium Ion cells.
POWER DOWN
The AD7280 provides a number of power down options. These
may be described as follows:
•
Full, or Hardware, Powerdown
•
Software Powerdown
The AD7280 may be placed into full powerdown mode, which
requires only 4uA max current, by taking the PD pin low. The
falling edge of the PD pin will power down all analog and
digital circuitry.
The AD7280 may be placed into Software Power down mode,
which requires only 1mA of current by setting bit D8 in the
CONTROL register through the serial interface. When the
AD7280 is powered down through the serial interface the
regulator and the daisy chain circuitry stay powered up but the
remaining analog and digital circuitry is powered down. This is
necessary to ensure that the signal to power on the part, or
series of parts, is correctly received.
The AD7280 offers a PD TIMER register which allows the user
to program a set time after which the AD7280 will go into
power down. This will act as a time delay between the falling
edge of the PD input, or the setting of bit D8 in the CONTROL
register, and the AD7280 powering down. The PD Timer can be
set to a value between 0 and 31 minutes, with a resolution of 1
minute. The user should first write to the PD TIMER register,
to define the desired delay. Any subsequent falling edge on the
PD input or setting of bit D8 the CONTROL register, will start
the PD timer and after the programmed time will place the
AD7280 into powerdown. The default value of the PD TIMER
register on power up is 0h.
POWER UP TIME
As outlined in the Power Down section a full power down of
the AD7280, that is an active low on the PD input will power
down all analog and digital circuitry. The recommended power
up time for the internal reference, when decoupled with a 10µF
capacitor, is 5ms. It is recommended that no conversions be
completed until the 5ms power up time has elapsed as it may
result in inaccurate data.
CELL BALANCING OUTPUTS
The AD7280 provides 6 CB outputs which can be used to drive
the gate of external transistors as part of a cell balancing circuit.
Each CB output may be set to provide either a 0V or 5V output
with respect to the absolute amplitude of the negative terminal
of the battery cell which is being balanced. For example, the
CB6 output will provide a 0V or 5V output with respect to the
voltage on the Vin5 analog input. The CB outputs are set by
writing to the CELL BALANCE register. The default value of
the CELL BALANCE register on power up is 0h.
In an application which daisychains a number of AD7280s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com