Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 16 of 33
CNVST
INTERNAL ADC
CONVERSIONS
PART 1
VOLT 2
VOLT 3
TEMP 6
tCONV
VOLT 1
INTERNAL ADC
CONVERSIONS
PART 2
VOLT 8
VOLT 9
TEMP 12
VOLT 7
INTERNAL ADC
CONVERSIONS
PART 3
VOLT 14
VOLT 15
TEMP 18
VOLT 13
TOTAL CONVERSION TIME
= ((tACQ + tCONV) x #conversions per part) - tACQ+ (#parts x tDELAY)
tDELAY
tDELAY
tDELAY
tDELAY
tACQ + tCONV
tACQ + tCONV
tACQ + tCONV
Figure 14. ADC conversions & Readback on a chain of 3 AD7280s
Suggested External Component Configurations on
Analog Inputs
As outlined in the Track-and –Hold section the acquisition time
of the AD7280 is selected by the status of bits D6 and D5 in the
CONTROL register. This provides flexibility in selecting external
components on the analog inputs. Included below are two
suggested configurations for placing external components on the
analog inputs to the AD7280.
Combined LP filter and Current Limiting Resistors
Please refer to Figure 15.
AD7280
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
10k
Ω
100nF
100nF
100nF
100nF
100nF
100nF
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
Figure 15. External Series Resistance & Shunt Capacitance
The 10kΩ resistor in series with the inputs provides protection
to the analog inputs in the event of an over-voltage or under-
voltage on those inputs. The 100nF capacitor across the pseudo
differential inputs acts as a low pass filter in conjunction with
the 10kΩ resistor. The cut off frequency of the low pass filter is
318Hz. Using these external components the default acquisition
time of 400 ns may be used, which will allow a combined
acquisition and conversion time of 1µs.
Current Limiting Resistors
Please refer to Figure 16.
AD7280
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
Figure 16. External Series Resistance
The 10kΩ resistor in series with the inputs provides protection
to the analog inputs in the event of an over-voltage or under-
voltage on those inputs. Using these external components an
acquisition time of 1.6 µs should be used, which will allow a
combined acquisition and conversion time of 2.2µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com