Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices AD7280 Datasheet HTML 22Page - Analog Devices AD7280 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 19 of 33
together it is recommended that series resistors be placed
between the CB outputs of the AD7280 and the gates of the
external Cell Balancing transistors. These are recommended to
protect the AD7280s in the event that the external cell balancing
transistors are damaged during the initial connection of the
monitoring circuitry to the battery stack.
An example of how this could occur would be a connection
sequence which first provides the system ground, that is the
ground supply to the master AD7280 on the daisychain,
followed by a connection from any of the battery cells at a
potential high enough to exceed the VGS of the cell balancing
transistor, for example 40V. If these two connections are the
only battery connections made in the system then this will
result in 40V being applied to one of the Vin pins of the
AD7280, which is also connected to the source input of one of
the cell balancing transistors. However, because no power has
been supplied to the VDD pin of the AD7280 all the CB outputs
will be 0V. This will result in a reverse voltage of 40V across the
VGS of the external transistor which may damage the device.
In the event that the external transistor is damaged, the AD7280
may be protected by the use of 10kOhm series resistors on each
of the CB output pins. Consideration should also be given to
the protection of these external transistors during the initial
connection of the monitoring circuitry to the battery stack.
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
Vin6
CB6
CB6
CB5
CB4
CB3
CB2
CB1
AD7280
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
Figure 19. Cell Balancing Configuration
The AD7280 offers 6 Cell Balance timer registers which allow
the on-time of each CB output to be programmed. These are
referred to as the CB TIMER registers. The CB timers can be
set to a value between 0 and 30 minutes. The resolution of the
CB Timer is 1 minute. At the end of the programmed CB Time
the 6 CB outputs will return to their default state of 0V. The
default value of the CB TIMER registers on power up is 0h.
As noted in the Power Down section a power down timer may
be programmed to allow cell balancing to occur for a set time
before powering down the AD7280. If no power down timer has
been set, that is if the PD TIMER register is at its default value
of 0h, then a falling edge on the PD pin, or the setting of bit D8
in the CONTROL register to 1, will switch off the CB outputs
and power down the AD7280. If a power down time has been
set the CB outputs will be powered down when the
programmed power down timer has elapsed and the AD7280 is
powered down.
ALERT OUTPUT
The Alert output on the AD7280 may be used to indicate if any
of the following faults have occurred:
•
Over-Voltage
•
Under-Voltage
•
Over-Temperature
•
Under-Temperature
Following each completed conversion the cell voltage and
temperature measurement results are compared to the fault
thresholds. The fault thresholds can be set by writing to the
OVER VOLTAGE. UNDER VOLTAGE, OVER TEMP and
UNDER TEMP registers. An ALERT output is generated if the
cell voltage or temperature results are outside the programmed
fault thresholds.
The Alert output can be defined as a static or a dynamic output,
this is set by writing to the ALERT register. The static Alert
output is a high signal which is pulled low in the event of a over
or under voltage or temperature. The dynamic Alert is a square
wave which can be programmed to a frequency of 100Hz or
1kHz. The Alert output may be used as part of a daisy chain in
which case the AD7280 at the top of the chain, that is furthest
away from the DSP/µP should be programmed to generate the
initial Alert output and each AD7280 in the chain will either
pass that output through or pull the Alert signal low to indicate
that there is a fault with that particular device. At the end of the
daisy chain the master AD7280, that is the AD7280 which is
connected to the DSP/µP will take the Alert signal from the
chain and pass it, in standard digital voltage format to the
DSP/µP. The functionality of the fault detection circuit, which
generates the Alert output may be programmed through bits D7
to D4 of the ALERT register.
As outlined previously (See Conversion of less then 6 Voltage
cells) some applications may require less than 6 voltage
measurements. As shown in Figure 17 it is recommended that
the channels which are not being used on the AD7280 be
shorted to the channel below them. To prevent the incorrect
triggering of the Alert output in this application the AD7280
allows the user to select up to 2 voltage channels which may be
taken out of the fault detection circuit. This may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com