Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 1 Page - Analog Devices

  AD7280 Datasheet HTML 1Page - Analog Devices AD7280 Datasheet HTML 2Page - Analog Devices AD7280 Datasheet HTML 3Page - Analog Devices AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Lithium Ion Battery
Monitoring System
Preliminary Technical Data
AD7280
Rev. PrD
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
8 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit ADC, 1us per channel conversion time
6 Analog Input Channels, CM range 0.5V to 27.5V
6 Temperature Measurements Inputs.
On Chip Voltage Regulator
Cell Balancing Interface
Daisy Chain Interface
3 ppm Reference
Low Quiescent Current
High Input Impedance
Serial Interface with Alert Function
1 SPI interface for up to 300 channels
On Chip Registers for Channel Sequencing
VDD Operating Range 7.5V to 30V
Temperature Range -40 oC to 105oC
48 lead LQFP and LFCSP Packages
APPLICATIONS
Lithium Ion Battery Monitoring
Nickel Metal Hydride Battery Monitoring
FUNCTIONAL BLOCK DIAGRAM
MUX
Vin(6)
SDIN
SDO UT
Vin(4)
Vin(3)
Vin(2)
Vin(1)
Vin(0)
+
+
-
-
ALE RT
CS
PD
VDD
Vin(5)
VREF
VREG
CB1
CB6
CREF
CEL L
BALANCING
INTER FACE
2.5V
REF
REGUL ATOR
CLOCK
LIMIT REG
SQN LOGIC
DATA MEMO RY
SPI INTER FACE
CONTRO L LOGIC
& SELF TEST
AD7280
12 BIT ADC
CNVST
DAIS Y CHAIN
INTER FACE
MASTER
SCLK
VT(6)
VT(4)
VT(3)
VT(2)
VT(1)
VT(5)
REFGND
DGND
VDRIVE
DVCC
AVCC
VT TERM
Figure 1
GENERAL DESCRIPTION
The AD72801 contains all the functions required for general
purpose monitoring of stacked Lithium Ion batteries as used in
Hybrid Electric Vehicles. The part has multiplexed analog input
and temperature measurement channels for up to six cells of
battery management. An internal 3-ppm reference is provided
to drive the ADC. The ADC resolution is 12 bits with a 1 Msps
throughput rate offering a 1µs conversion time.
The AD7280 operates from just one VDD supply which has a
range of 7.5V to 30V (with an absolute max rating of 33V). The
part provides 6 pseudo differential analog input channels to
accommodate large common mode signals across the full VDD
range. Each channel allows an input signal range, Vin(+) ---
Vin(-), of 0V to 5V. The input pins assume a series stack of 6
cells. In addition the part can accommodate 6 external sensors
for temperature measurement.
The AD7280 includes on chip registers which allow a sequence
of channel measurements to be programmed to suit the
applications requirements.
The AD7280 also includes an Alert function which generates an
interrupt output signal if the cell voltages exceed an upper or
lower limit defined by the user. The AD7280 has balancing
interface outputs designed to control external FET transistors to
allow discharging of individual cells.
The AD7280 includes a Built In Self Test feature which
internally applies a known voltage to the ADC inputs.
There is a daisy chain interface which allows up to 50 parts to
be stacked without the need for individual device isolation.
The AD7280 requires only one supply pin which takes 7mA
under normal operation, while converting at 1 Msps.
All this functionality is provided in a 48 pin LQFP or 48 pin
LFCSP package operating over a temperature range of −40°C to
+105°C.
1 Patents Pending


Similar Part No. - AD7280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ AD-AD7280ABSTZ Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ-RL AD-AD7280ABSTZ-RL Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ AD-AD7280AWBSTZ Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ-RL AD-AD7280AWBSTZ-RL Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results

Similar Description - AD7280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com