| Electronic Components Datasheet Search |
|
AD7280 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7280 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 33 page ![]() Preliminary Technical Data AD7280 Rev. PrD | Page 25 of 33 SERIAL INTERFACE The AD7280’s serial interface consists of four signals; CS, SCLK, SDIN and SDOUT. The SDIN line is used for transferring data into the on chip registers while the SDOUT line is used for reading the conversion results from the ADCs. SCLK is the serial clock input for the device, and all data transfers, either on SDIN or on SDOUT, take place with respect to SCLK. Data is clocked into and out of the AD7280 on the SCLK falling edge. The CS, input is used to frame the serial data being transferred to or from the device. CS, can also be used to initiate the sequence of conversions. In a Li-Ion Battery Monitoring application up to50 AD7280’s may be daisy chained together to allow up to 300 individual Li- Ion cell voltages to be monitored. Each write operation must therefore include Device Address and Register Address in addition to the data to be written. An additional identifier bit is also required when addressing all AD7280s in the Daisy Chain. The AD7280 SPI Interface, in combination with the Daisy Chain Interface, allows any register in the 50 x AD7280 stack to be updated using one 24-bit write cycle. Table 30. 24-Bit Write Cycle Device Address1 Register Address Data Address All Parts Additional Zero’s D23-D18 D17-D12 D11- D4 D3 D2-D0 There are two different types of read operation for the AD7280. • Conversion Results Read 1 Device Address should be written LSB first. For example, to address device #1 the sequence of bits input to the AD7280 should be 100000. The Register Address and Data bits are input MSB first. • Register Data Read The data returned from a conversion result read operation includes the Device Address and Channel Address information in addition to the 12-bits of conversion data. The data returned from a Register Data read operation includes the Device Address and Register Address in addition to the 8-bits of register data. The AD7280 SPI Interface, in combination with the Daisy Chain Interface, allows the conversion results of any AD7280 in the 50 x AD7280 stack to be read back using an N x 24-bit read cycle, where N is defined by the number of conversions completed on that part, that is 12, 9 or 6 (Please refer to Table 6). The user has the option of taking CS low for the duration of the N x 24 bit read cycle, or may pulse CS low for each individual 24-bit read cycle, that is N 24-bit wide CS frames. Table 31. 24-Bit Read Conversion result Cycle Device Address2 Channel Address Conversion Data 2bit CRC D23-D18 D17-D14 D13-D2 D1-D0 Table 32. 24-Bit Read Register Data Cycle Device Address2 Register Address Register Data Zero 2-bit CRC D23-D18 D17-D12 D11-D4 D3-D2 D1-D0 Figure 20 shows the timing diagram for the serial interface of the AD7280. Please refer to the Daisy Chain Interface section for further information on the Daisy Chain Interface. 2 Device Address is read out LSB first. The Register Address, Channel Address and all Data bits are read out MSB first. SDO THREE- STATE THREE-STATE CS SCLK 424 1 23 MSB-1 MSB LSB t6 t7 t8 t3 t9 t11 SDI MSB MSB-1 LSB t5 t4 t2 t10 Figure 20. Serial Interface Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |