Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 17 of 33
SELF TEST CONVERSION
A self-test conversion may be initiated on the AD7280 which
allows the operation of the ADC to be verified. The self-test
conversion is completed on the internal 1.2V bandgap reference
voltage. The self-test conversion may be initiated on either a
single AD7280 or on all AD7280s in the battery stack
simultaneously. The conversion results may be read back
though the read protocols defined in the Register map section.
The self-test conversion may also be used to verify the
operation of the ALERT outputs as described in the ALERT
Output section.
CONVERSION AVERAGING
The AD7280 includes an option where the ADC conversions
completed on each cell input may be repeated with an averaged
conversion result being stored in the individual register. The
averaged conversion result may then be read back through the
SPI interface in the same manner as a standard conversion
result. The AD7280 may be programmed, through bits D10 and
D9 of the CONTROL register, to complete 1, 2, 4 or 8
conversions. The default on power up is a single conversion.
CONVERSION OF LESS THEN 6 VOLTAGE CELLS
The AD7280 provides 6 input channels for Battery Cell voltage
measurement. The AD7280 may also be used in applications
which require less then 6 voltage measurements. In these
applications care should be taken to ensure that the sum of the
individual cell voltages will still exceed the minimum VDD
supply voltage. For this reason it is recommended that the
minimum number of battery cells connected to each AD7280 is
4. Care should also be taken to ensure that the voltage on the
Vin6 inputs is always greater than or equal to the voltage on the
VDD supply pin. This design requirement is in place to allow the
use of a diode on the VDD supply pin of the AD7280 which
provides protection in the event of an open circuit in the battery
stack. Even if a protection diode is not being used in the
application the Vin6 input voltage must be greater than or equal
to the VDD supply voltage. An example of the battery
connections to the AD7280 in a 4 cell battery monitoring
application is shown in Figure 17.
Regardless of how many cell measurements are required in the
user application the AD7280 will acquire and convert the
voltages on all 6 voltage input channels. The conversion data on
all 6 channels will be supplied to the DSP/uP using the SPI
/Daisy Chain interfaces. The user should then ignore the
conversion data which is not required in their application. If
using the Alert function the user should program the Alert
register to ensure that the shorted out channels do not
incorrectly trigger an Alert output. Please refer to ALERT
Output section.
AD7280
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
100nF
100nF
100nF
100nF
10k
Ω
10k
Ω
10k
Ω
10k
Ω
Figure 17. Typical connections for a 4 cell application
CELL TEMPERATURE INPUTS
The AD7280 provides 6 single ended analog inputs, VT1 to
VT6, to the ADC which may be used to convert the voltage
output of a thermistor temperature measurement circuit. In the
event that no temperature measurements are required, or that
individual cell temperature measurements are not required the
VT inputs may be used to convert any other 0 V to 5 V input
signal.
The AD7280 may be programmed to complete conversions on
all 6 temperature channels, on 3 temperature channels (VT1,
VT3 & VT5) or on none of the temperature input channels. The
number of conversions is programmed through bits D15 and
D14 of the CONTROL register. The number of conversions
results supplied by the AD7280 for read back by the DSP/uP is
programmed through bits D13 and D12 of the CONTROL
register. In an application where the ALERT function is being
used but only one or two temperature inputs are required the
AD7280 should first be programmed to complete and readback
only 3 temperature conversions, by setting bits D15 and D13 of
the CONTROL register to 0, and bits D14 and D12 to 1. VT
Channels VT5 and VT3 may be removed from the Alert
detection by writing to bits D1 and D0 of the ALERT register.
Please refer to ALERT Output section.
Thermistor Termination Input
In the event that thermistors circuits are being used to measure
each individual cell temperature the Thermistors Termination
pin, VTTERM, may be used to the terminate the thermistor inputs
for each cell temperature measurement. This reduces the
termination resistor requirement from 6 resistors to 1. Bit D3
in the CONTROL register should be set to 1 when using the
VTTERM input.
It should be noted that, due to settling time requirements, the
thermistor termination resistor option should only be used
when the acquisition time of the AD7280 is set to its highest
value, that is 1.6µs. The acquisition time is configured by setting
bits D6 and D5 of the CONTROL register as outlined in Table
7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com