Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 14 of 33
REFERENCE
The internal reference is temperature compensated to 2.5 V ± 5
mV. The reference is trimmed to provide a typical drift of
3 ppm/°C . The internal reference circuitry consists of a 1.2 V
band gap reference and a reference buffer. The AD7280 internal
reference is available at the VREF pin. The VREF pin should be
decoupled to AGND using a 10 µF, or greater, ceramic
capacitor. The CREF pin should be decoupled to AGND using a
0.1 µF, or greater, ceramic capacitor. The internal reference is
capable of driving an external load of up to 10kOhms.
CONVERTING CELL VOLTAGES AND
TEMPERATURES
A conversion may be initiated on the AD7280 using either the
CNVST input or the serial interface. A single CNVST signal is
required to initiate conversions on all 12 channels, that is 6
voltage and 6 temperature channels. Alternatively the
conversion can be initiated through the rising edge of CS on the
SPI interface.
When using the CNVST input the falling edge of CNVST places
the track and hold on the voltage inputs Vin0 and Vin1, that is
across Cell 1, into hold mode and initiates the conversion. At
the end of the first conversion the AD7280 generates an internal
End of Conversion signal. This internal EOC will select the
next cell voltage inputs for measurement though the
multiplexer, that is Vin1 and Vin2. The track-and-hold circuit
will acquire the new input voltage and a second internal convert
start signal is generated which places the track-and-hold into
hold mode and initiates the conversion. This process is repeated
until all the selected voltage and temperature cell inputs have
been converted. Please refer to Figure 12 and Figure 13. Note,
once all selected conversions have been completed voltage
inputs Vin0 and Vin1 are again selected through the multiplexer
and the voltage across Cell 1 is acquired in preparation for the
next conversion request.
By setting bits D15 and D14 in the control register the voltage
and temperature cells to be converted are selected. There are
four options available.
Table 6. Voltage and Temperature Cell Selection
D15 to
D14
Voltage inputs
Temperature
Inputs
00
1 to 6
1 to 6
01
1 to 6
1, 3 & 5
10
1 to 6
None
11
ADC Self Test
None
Each voltage and temperature conversion requires a minimum
of 1us to acquire and convert the cell voltage or temperature
voltage input. For example. when D15 and D14 are set to zero
the falling edge of CNVST will trigger a series of 12
conversions. This will require a minimum of 12µs to convert all
selected measurements. If no temperature conversions are
required then Bits D15 and D14 would be set to 10. In this case
the conversion request will trigger a series of 6 conversions,
requiring a minimum of 6µs.
Track-and-Hold
The track-and-hold on the analog input of the AD7280 allows the
ADC to accurately convert an input sine wave of full-scale
amplitude to 12-bit accuracy.
Following a completed conversion the AD7280 enters its
tracking mode. The time required to acquire an input signal
depends on how quickly the sampling capacitor is charged. This
in turn will depend on the input impedance and any external
components placed on the analog inputs. The default acquisition
time of the AD7280 on initial power up is 400 ns. This can be
increased in steps of 400ns to 1.6 us to provide flexibility in
selecting external components on the analog inputs. The
acquisition time is selected by writing to bits D6 and D5 in the
CONTROL register.
Table 7.Analog Input Acquisition Time.
D6 to D5
Acquisition Time
00
400 ns
01
800 ns
10
1.2
µs
11
1.6
µs
The acquisition time required is calculated using the following
formula:
tACQ = 10 × ((RSOURCE + R) C)
where:
C is the sampling capacitance, the value of the sampling
capacitor, 18pF
R is the resistance seen by the track-and-hold amplifier looking
at the input, 500Ω.
RSOURCE should include any extra source impedance on the
analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com