Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices AD7280 Datasheet HTML 27Page - Analog Devices AD7280 Datasheet HTML 28Page - Analog Devices AD7280 Datasheet HTML 29Page - Analog Devices AD7280 Datasheet HTML 30Page - Analog Devices AD7280 Datasheet HTML 31Page - Analog Devices AD7280 Datasheet HTML 32Page - Analog Devices AD7280 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 31 of 33
•
Bits D13 and D12 of the CONTROL register of the
part to be read from should be set to 0.
•
Bring CS low and apply 24 SCLKs to be read back the
desired register.
Self-Test conversion, all parts
•
The register address corresponding to the self-test
conversion, should be written to the Read register of
all parts, see Table 9 for register addresses.
•
Bits D15-D14 of the CONTROL register should be set
to 1 on all parts to select the self-test conversion.
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
To read back the self-test conversion result from each
individual part bits D13-D12 should be set to 0 for
that part and the register data read back as outlined in
Read a single register section. The self-test conversion
results must be read back individually from each part.
Self-Test conversion, single part
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
BitD8 in the CONTROL register of all parts should be
set to 1 to put each part into a software power down.
This prevents the ALERT function on the parts not
undergoing a self-test conversion from being
triggered.
•
Bit D8 in the CONTROL register of the part for which
a self-test conversion is requested should be set to 0.
This bring this part out of powerdown.
•
The register address corresponding to the self-test
conversion, should be written to the Read register of
the part under test, see Table 9 for register addresses.
•
Bits D15-D14 of the CONTROL register should be set
to 1 on the part under test to select the self-test
conversion.
•
Bits D13-D12 of the CONTROL register should be set
to 0 the part under test.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
the register data should be read back as outlined in
Read a single register section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com