Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7280 Datasheet HTML 24Page - Analog Devices AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices AD7280 Datasheet HTML 27Page - Analog Devices AD7280 Datasheet HTML 28Page - Analog Devices AD7280 Datasheet HTML 29Page - Analog Devices AD7280 Datasheet HTML 30Page - Analog Devices AD7280 Datasheet HTML 31Page - Analog Devices AD7280 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 28 of 33
DAISY CHAIN INTERFACE
In a Li-Ion Battery Monitoring application up to 50 AD7280’s
may be daisy chained together to allow up to 300 individual Li-
Ion cell voltages to be monitored. Each AD7280 is capable of
monitoring up to 6 Li-Ion cells and is powered from the top and
bottom voltage of the 6 Li-Ion cells. As a result the supply
voltages of each AD7280 are offset by up to 30V from adjacent
AD7280’s in the chain. For this reason a standard Serial
Interface Daisy Chain method cannot be used.
The AD7280 includes a Daisy Chain Interface separate to the
standard SPI interface. This Daisy Chain interface allows each
AD7280 in the chain to relay data to and from adjacent
AD7280’s. In addition to the standard wire SPI the AD7280
serial interface include 3 optional interface pins, ALERT,
CNVST and PD.
Each input and output pin on the 7 wire interface requires at
least one additional I/O for the Daisy Chain Interface, that is to
allow the information to passed to an AD7280 operating at a
higher supply voltage. The SDO and ALERT outputs will also
require a further daisy chain pin to allow the information to be
passed to an AD7280 operating at a lower supply voltage. The
remaining 5 interface pins, CS, SCLK, SDI, CNVST and PD do
not require additional pins to pass information to a AD7280
operating at a lower voltage as each of these input pins can
operate as both SPI inputs or Daisy Chain inputs. Their
functionality is defined by the state of the Master pin.
The MASTER pin on the AD7280 at the base of the Daisy
Chain should be set high, tied to VDD supply, to ensure that this
device interfaces to the DSP or µProcessor using the standard
Serial Interface. The MASTER pin on the remaining AD7280s
in the Daisy Chain should each be connected to their respective
VSS pins which disables the serial interface pins on those
devices. This allows the CS, SCLK, SDI, CNVST and PD inputs,
in addition to the SDOlo and ALERTlo outputs, to pass signals
to and from an AD7280 operating at a lower potential.
As explained in the Serial Interface section only one 24-bit write
cycle is required to write to any register in the 50 x AD7280
stack . To read back the conversion data from all channels
monitoring the battery stack requires only a (24 x N)-bit read
cycle where N is the number of channels in the battery stack.
Note: this is the default read configuration on power up. If the
settings of the Read or control registers have been changed then
additional write cycles may be required. The recommended
SCLK frequency to ensure correct operation of the Daisy Chain
Interface is 1MHz. With a 1MHz SCLK it will take ~2.34 ms to
read back the voltage conversions on 96 channels.
Addressing the AD7280
As explained in the previous section all write operations to the
AD7280 must include the Device Address and Register Address
in addition to the data to be written. In any application using a
chain of AD7280’s the Device Address corresponds to the
position of the individual AD7280 in the chain with respect to
the device acting as Daisy Chain Master, that is the device
connected directly to the DSP/µP. For example, in an
application which uses 16 AD7280’s to monitor 96 channels the
device acting as Daisy Chain Master should be addressed with a
Device Address of 00000, the 16th AD7280 in the chain should
be addressed with a Device Address of 001111.
Each individual AD7280 is preset with an address of zero, that
is, 0h. When a write operation is initiated by the DSP or
µ
Processor the Daisy Chain Master compares the Device
Address received with its own address. If the addresses do not
match the AD7280 will decrement the Device Address by one,
1h, and the new Device Address will be passed to the next
AD7280 in the chain with the remainder of the original 24-bit
write. The second AD7280 will again compare the received
Device Address with its own address, if the addresses do not
match 1h will be subtracted from the Devices Address and
again passed up the chain. This will continue until the received
Device Address matches the preset address, 0h, and the write
operation is completed.
The same principle will apply when transferring data down the
stack to the DSP or µProcessor. The Device Address supplied
from each individual AD7280 will be incremented by one for
each AD7280 it passes through on the chain.
To write to the same register on all AD7280’s in the stack bit D3
in the 24-bit write cycle should be set high. This will result in
the 8-bit register data, bits D11-D4, are written to the same
register address on all parts. The Device address, bits D23-D18,
should be regarded as Don’t Care bits when writing to all parts
in the stack. For example when initiating a conversion on all
AD7280s in the stack bit D3 should be set high, the Register
address should be set to Dh, to address the CONTROL register
and bit D11 of the 24-bit write cycle should be set high. This
will initiate a conversion on the rising edge of CS, on all
AD7280s in the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com