Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices AD7280 Datasheet HTML 22Page - Analog Devices AD7280 Datasheet HTML 23Page - Analog Devices AD7280 Datasheet HTML 24Page - Analog Devices AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices AD7280 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 23 of 33
operating in daisy chain mode the ALERT configuration is set
on the AD7280 furthest away from the uP or DSP only. The
ALERT registers on the remaining AD7280s in the chain should
be programmed to pass the ALERT signal through the chain.
Each of these parts will pass the static or dynamic ALERT signal
through the chain or pull the signal low to indicate that an
over/under voltage or over/under temperature has occurred.
Table 21.ALERT Register settings
D7 to D6
D5 to D4
D3 to D0
AD7280 Action
00
XX
XXXX
No Alert signal generated
or passed [Default]
01
XX
XXXX
Generates static [High] Alert
signal to be passed down
the Daisy Chain
10
00
XXXX
Generates 100Hz Square
wave Alert signal to be
passed down the Daisy
Chain
10
01
XXXX
Generates 1kHz Square
wave Alert signal to be
passed down the Daisy
Chain
10
10
XXXX
Reserved
10
11
XXXX
Reserved
11
XX
XXXX
Passes Alert signal from
AD7280 at higher potential
in Daisy Chain
D7 to D4
D3 to D2
D1 to D0
AD7280 Action
XXXX
00
XX
Includes all 6 Voltage
channels in Alert detection
[Default]
XXXX
01
XX
Removes Vin5 from Alert
detection
XXXX
10
XX
Removes Vin5 & Vin4 from
Alert detection
XXXX
11
XX
Reserved
XXXX
XX
00
Includes all 6 Temperature
channels in Alert detection
[Default]
XXXX
XX
01
Removes VT5 from Alert
detection
XXXX
XX
10
Removes VT5 & VT3 from
Alert detection
CELL BALANCE REGISTER
Table 22. 8-Bit Register
14h
D7 to D0
Read/Write
The CELL BALANCE register determines the status of the 6
Cell Balance outputs. The six CB outputs are set by writing to
bits D7 to D2 of the Cell Balance register. The default value of
the Cell Balance register on power up is 0h.
Table 23. Cell Balance register settings
D7
Set CB6 output
0 = output off
1 = output on
D6
Set CB5 output
0 = output off
1 = output on
D5
Set CB4 output
0 = output off
1 = output on
D4
Set CB3 output
0 = output off
1 = output on
D3
Set CB3 output
0 = output off
1 = output on
D2
Set CB1 output
0 = output off
1 = output on
D1-D0
Reserved, set to 0
CB TIMER REGISTERS
Table 24. 8-Bit Register
15h to 1Ah
D7 to D0
Read/Write
The CB TIMER registers allow the user to program individual
ON times for each of the Cell Balance outputs. The AD7280
allows the user to set the CB Timer to a value between 0 and 30
minutes. The resolution of the CB Timer is 1 minute. The
default value of the CB TIMER registers on power up is 0h.
Table 25. CB Timer register settings
D7-D3
5-bit binary code to set CB timer to
value between 0 and 30 minutes
D2-D0
Reserved, set to 0
PD TIMER REGISTER
Table 26. 8-Bit Register
1Bh
D7 to D0
Read/Write
The PD TIMER register determines the elapsed time before the
AD7280 is automatically powered down. The AD7280 allows
the user to set the PD Timer to a value between 0 and 31
minutes. The resolution of the PD Timer is 1 minute. When
using the PD timer in conjunction with the CB timers the value
programmed to the PD Timer should exceed that programmed
to the CB Timer by at least 1 minute. The default value of the
PD TIMER registers on power up is 0h.
Table 27. PD Timer register settings
D7-D3
5-bit binary code to set PD timer to
value between 0 and 31 minutes
D2-D0
Reserved, set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com