Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices AD7280 Datasheet HTML 27Page - Analog Devices AD7280 Datasheet HTML 28Page - Analog Devices AD7280 Datasheet HTML 29Page - Analog Devices AD7280 Datasheet HTML 30Page - Analog Devices AD7280 Datasheet HTML 31Page - Analog Devices AD7280 Datasheet HTML 32Page - Analog Devices AD7280 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 29 of 33
READING DATA FROM THE AD7280
There are a number of read options available on the AD7280.
The user may read back the results from all the conversions
completed on an individual part in the chain, from all the
conversions completed on all parts in the chain or from
individual registers on selected parts in the chain.
In each case the user is required to first write to the Read
register on the selected parts to configure that part to supply the
correct data on the outputs. When reading back an individual
register result the address of that register should be written to
the read register of the selected part. When reading back
conversion results from any or all parts in the chain an address
of 0h should be written to the read register of the selected parts.
When the address written to the read register is 0h the
conversion results selected for read back are controlled by
setting bits D13 and D12 of the Control register. Please refer to
Table 14. This allows the user to select 4 different read back
options
•
Read back 12 conversion results: 6 voltage and 6
temperature
•
Read back 9 conversion results: 6 voltage and 3
temperature
•
Read back 6 conversion results: 6 voltage results only
•
Switch off read operation on this part
If the user wishes to read back the conversion results from a
single AD7280 in the daisy chain bits D13 and D12 of the
control register on that part should be set to select the correct
conversion results. Bits D13 and D12 on all other AD7280s in
the daisy chain should be set to switch off the read operation on
those parts. It should be noted that it is more efficient in terms
of 24-bit write cycles to first switch off the read operation on all
AD7280s in the daisy chain. This can be achieved with a single
write cycle, using bit D3 to address all parts in the chain. The
user may then address the individual part and set bits D13 and
D12 to select the required conversion results.
When reading back conversion data from any, or all, of the
AD7280s in a daisy chain the conversion results returned from
the AD7280 will be the last completed conversion on that part.
It is recommended that the user also set bits D15 and D14 of
the control register, to select the number of conversions to be
completed on each part, and initiate the conversions through
either the CNVST pin or the rising edge of CS., as part of the
read operation. This allows the user to implement a simple
convert and read back routine with the most efficient number
of 24-bit write and read operations. A general example of this
routine, which would convert and read back from all parts in
the AD7280 daisy chain would be:
•
Write0h to the Read register on all of the parts in the
daisychain. Note: 0h is the default value of this register
on power up and following a reset operation.
•
Write to the Control register on all parts. Set bits D15
and D14 to select the required conversions. Set bits
D13 and D12 to select the required conversion results
for read back.
•
Initiate the conversions through either the falling edge
of CNVST or the rising edge of CS.
•
Allow sufficient time for each conversion to be
completed. Please refer to Converting Cell Voltages
and Temperatures section.
•
Either bring CS low and apply 24 SCLKs for each
conversion result to be read back or apply an
individual CS pulse, each framing 24 SCLKs, for
each conversion result to be read back.
The following section outlines ten examples of Conversion and
/or Readback routines which would be commonly used in an
application using a chain of AD7280s to monitor the voltage
and/or temperature of the a stack of Lithium Ion batteries.
Convert and Read all parts, all voltages and all
temperatures
•
Register address 0h should be written to the Read
register on all parts
•
Bits D15-D12 of the CONTROL register should be set
to 0 on all parts.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion bring CS
low and apply 24 SCLKs for each voltage and
temperature result to be read back.
Convert and Read all parts, all voltages and three
temperatures per part
•
Register address 0h should be written to the Read
register on all parts
•
Bits D15 and D13 of the CONTROL register should
be set to 0, bits D14 and D12 should be set to 1 on all
parts.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion either
bring CS low and apply 24 SCLKs for each conversion
result to be read back or apply an individual CS
pulse, each framing 24 SCLKs, for each conversion
result to be read back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com