Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices AD7280 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 12 of 33
TYPICAL CONNECTION DIAGRAMS
The AD7280 can be used to monitor 6 battery cells connected
in series. A typical configuration for a 6 cell battery monitoring
application is shown in Figure 10.
10µF
0.1µF
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
VSS
Vin6
Vin6
µC/µP
4 WIRE SPI
INTERFACE
OPTIONAL
INTERFACE
PINS
CB6
CB6
CB5
CB4
CB3
CB2
CB1
VREG
MASTER
AVCC
DVCC
VDRIVE
VDD
SCLK
SDI
SDO
ALERT
CS
PD
CNVST
AD7280
10uF
0.1uF
0.1uF
CREF
VREF
0.1uF
10uF
10k
Ω
Figure 10. AD7280 Configuration Diagram for 6 Battery Cells
Lithium Ion Battery applications require a significant number
of individual cells to provide the required output voltage.
Individual AD7280s can monitor the cell voltages and
temperatures of 6 series connected cells. The Daisy Chain
Interface of the AD7280 allows each individual AD7280 to
communicate with another AD7280 immediately above or
below it. The daisy chain interface allows the AD7280s to be
electrically connected to the battery management chip, as
shown in Figure 11 without the need for individual isolation
between each AD7280.
Daisy Chain Connection Diagram
As shown in Figure 11 external diodes have been included on
the VDD supply to each AD7280 and on each Daisy Chain signal
between adjacent AD7280’s. These diodes, in combination with
the 10kΩ series resistors on the analog inputs, are
recommended to prevent damage to the AD7280 in the event of
an open circuit in the battery stack.
It is also recommended that a zener diode be placed across the
supplies of each AD7280 as shown in Figure 11. This will
prevent an over voltage across the supplies of each AD7280
during the initial connection of the daisychain of AD7280s to
the battery stack. A voltage rating of 33V is suggested for this
zener diode but lower values may also be used to suit the
application.
When using a chain of AD7280s it is also recommended that a
100kOhm series resistor be placed on the PD input. This is
recommended to limit current into the PD pin in the event that
the uP/DSP or isolators are connected before the supplies of the
master AD7280.
Please refer to the Daisy Chain Interface Section for a more
detailed description of the Daisy Chain Interface.
In an application which includes a safety mechanism, designed
to open circuit the Battery Stack, additional isolation will be
required between the AD7280 above the break point and the
battery management chip.
EMC Considerations
In addition to the standard decoupling capacitors, C2n and C3n,
as shown in Figure 11, it is also recommended that an option for
additional capacitors, C1n and C4n, be included in the circuit to
increase immunity to Electomagnetic Interference. These
capacitors, placed on either side of the VDD protection diode,
would be used to decouple the VDD supply of each AD7280 with
respect to system ground., that is the ground of the master
AD7280 in the daisychain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com