Electronic Components Datasheet Search
  English  ▼

X  

AD7280 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7280 Datasheet HTML 25Page - Analog Devices AD7280 Datasheet HTML 26Page - Analog Devices AD7280 Datasheet HTML 27Page - Analog Devices AD7280 Datasheet HTML 28Page - Analog Devices AD7280 Datasheet HTML 29Page - Analog Devices AD7280 Datasheet HTML 30Page - Analog Devices AD7280 Datasheet HTML 31Page - Analog Devices AD7280 Datasheet HTML 32Page - Analog Devices AD7280 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 30 of 33
Convert and Read all parts, all voltages
•
Register address 0h should be written to the Read
register on all parts
•
Bits D15 and D13 of the CONTROL register should
be set to 1, bits D14 and D12 should be set to 0 on all
parts.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion either
bring CS low and apply 24 SCLKs for each conversion
result to be read back or apply an individual CS
pulse, each framing 24 SCLKs, for each conversion
result to be read back.
Convert and Read one part, all voltages and all
temperatures
•
Register address 000000 should be written to the Read
register of the part that is to be read
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
Bits D15-D12 of the CONTROL register of the part
to be read from should be set to 0.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion either
bring CS low and apply 24 SCLKs for each conversion
result to be read back or apply an individual CS
pulse, each framing 24 SCLKs, for each conversion
result to be read back.
Convert and Read one part, all voltages and
temperatures 1, 3 & 5
•
Register address 000000 should be written to the Read
register of the part that is to be read
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
Bit D15 and D13 of the CONTROL register of the
part to be read from should be set to 0 and bits D14
and D12 should be set to 1.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion either
bring CS low and apply 24 SCLKs for each conversion
result to be read back or apply an individual CS
pulse, each framing 24 SCLKs, for each conversion
result to be read back.
Convert and Read one part, all voltages, no
temperatures
•
Register address 000000 should be written to the Read
register of the part that is to be read
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
Bit D14 and D12 of the CONTROL register of the
part to be read from should be set to 0 and bits D15
and D13 should be set to 1.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion either
bring CS low and apply 24 SCLKs for each conversion
result to be read back or apply an individual CS
pulse, each framing 24 SCLKs, for each conversion
result to be read back.
Convert and Read a single voltage or temperature result
•
The register address corresponding to the voltage or
temperature result to be read should be written to the
Read register of the part that is to be read, see Table 9
for register addresses.
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.
•
Bits D13 and D12 of the CONTROL register of the
part to be read from should be set such that a
conversion will be completed on the required channel.
Note: With the exception of a Self-Test conversion it is
not possible to convert on a single channel, 6, 9 or 12
conversions must be completed.
•
Initiate conversion through either the falling edge of
CNVST or the rising edge of CS.
•
Following the completion of the conversion bring CS
low and apply 24 SCLKs to be read back the desired
voltage or temperature.
Read a single register
•
The register address corresponding to the voltage or
temperature result to be read should be written to the
Read register of the part that is to be read, see Table 9
for register addresses.
•
Bits D13-D12 of the CONTROL register should be set
to 1 on all parts. This switches off the read operation
on all parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com