Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 154 page
background image
XRT86VL3X
28
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
terminal has lost framing, is only designed as a performance indicator; existing terminal out-of-frame criteria
will continue to serve as the basis for terminal alarms.
• Frame-Synchronization-Bit Error Event: A frame-synchronization-bit-error event is the occurrence of a
received framing-bit-pattern not meeting the severely-errored-framing event criteria.
• Line-Code Violation event: A line-code violation event is a bipolar violation of the incoming data. A line-code
violation event for an B8ZS-coded signal is the occurrence of a received excessive zeros (EXZ) or a bipolar
violation that is not part of a zero-substitution code.
• Controlled Slip Event: A controlled-slip event is a replication, or deletion, of a T1 frame by the receiving
terminal. A controlled slip may occur when there is a difference between the timing of a synchronous
receiving terminal and the received signal.
3.8.4
Path and Test Signal Identification Message
The path identification message is used to identify the path between the source terminal and the sink terminal.
The test signal identification message is used by test signal generating equipment.
Both identification
messages are made up of 82 bytes of data. Byte 1 to 4, 81 and 82 are the message header and bytes 5 to 80
contain six data elements. These messages use the SAPI/TEI value of 0x15 to differentiate themselves from
the performance report message.
3.8.5
Frame Structure
The message structure of message-oriented signal is shown in Figure 33. Two format types are shown in the
figure: format A for frames which are sending performance report message and format B for frames which
containing a path or test signal identification message. The following abbreviations are used:
• SAPI: Service Access Point Identifier
• C/R: Command or Response
• EA: Extended Address
• TEI: Terminal Endpoint Identifier
• FCS: Frame Check Sequence
3.8.6
Flag Sequence
All frames shall start and end with the flag sequence consisting of one 0 bit followed by six contiguous 1 bits
and one 0 bit. The flag preceding the address field is defined as the opening flag. The flag following the Frame
Check Sequence (FCS) field is defined as the closing flag. The closing flag may also serve as the opening flag
of the next frame, in some applications. However, all receivers must be able to accommodate receipt of one or
more consecutive flags.
3.8.7
Address Field
The address field consists of two octets. A single octet address field is reserved for LAPB operation in order to
allow a single LAPB data link connection to be multiplexed along with LAPD data link connections.
3.8.8
Address Field Extension bit (EA)
The address field range is extended by reserving bit 1 of the address field octets to indicate the final octet of
the address field. The presence of a 1 in bit 1 of an address field octet signals that it is the final octet of the
address field. The double octet address field for LAPD operation shall have bit 1 of the first octet set to a 0 and
bit 1 of the second octet set to 1.
3.8.9
Command or Response bit (C/R)
The Command or Response bit identifies a frame as either a command or a response. The user side shall
send commands with the C/R bit set to 0, and responses with the C/R bit set to 1. The network side shall do the
opposite; That is, commands are sent with C/R bit set to 1, and responses are sent with C/R bit set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com