Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 69Page - Exar Corporation XRT86VL32IB Datasheet HTML 70Page - Exar Corporation XRT86VL32IB Datasheet HTML 71Page - Exar Corporation XRT86VL32IB Datasheet HTML 72Page - Exar Corporation XRT86VL32IB Datasheet HTML 73Page - Exar Corporation XRT86VL32IB Datasheet HTML 74Page - Exar Corporation XRT86VL32IB Datasheet HTML 75Page - Exar Corporation XRT86VL32IB Datasheet HTML 76Page - Exar Corporation XRT86VL32IB Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
XRT86VL3X
66
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
can position the beginning of the multiplexed E1 frame. It is responsibility of the Terminal Equipment to align
the multiplexed transmit serial data with the Transmit Single-frame Synchronization pulse.
Inside the framer, all the "don't care" bits will be stripped away. The framing bits, signaling and payload data are
de-multiplexed inside the XRT86VL3x device and send to each individual channel. These data will be
processed by each individual framer and send to LIU interface. The local Terminal Equipment provides a free-
running 2.048MHz clock to the Transmit Serial Input clock of each channel. The framer will use this clock to
carry the processed payload and signaling data to the transmit section of the device.
See Figure 69 below for how to interface the local Terminal Equipment with the Transmit Payload Data Input
Interface block of the framer in HMVIP or H100 16.384Mbit/s mode. Figure 71 shows the timing signals when
the framer is running at HMVIP or H100 16.384 MHz mode.
FIGURE 69. INTERFACING XRT86VL3X TRANSMIT TO LOCAL TERMINAL EQUIPMENT USING 16.384MBIT/S, HMVIP
16.384MBIT/S, AND H.100 16.384MBIT/S
FIGURE 70. TIMING SIGNAL WHEN THE FRAMER IS RUNNING AT BIT-MULTIPLEXED 16.384MBIT/S MODE
TxSER0
TxINCLK0 (16.384MHz)
TxSYNC0
TxSERCLK0 (2.048MHz)
Transmit
Payload
Data Input
Interface
Chn 0
Transmit
Payload
Data Input
Interface
Chn 4
Terminal
Equipment
XRT86VL38
Chn 1
Chn 2
Chn 3
Chn 5
Chn 6
Chn 7
TxSERCLK1 (2.048MHz)
TxSERCLK2 (2.048MHz)
TxSERCLK3 (2.048MHz)
TxSER4
TxINCLK4 (16.384MHz)
TxSYNC4
TxSERCLK4 (2.048MHz)
TxSERCLK5 (2.048MHz)
TxSERCLK6 (2.048MHz)
TxSERCLK7 (2.048MHz)
TxInClk (16.384MHz)
TxInClk (INV)
TxSer
TxSync(input)
1
0 X 11 X
X
X
1
2
1
3
2
0 X 21 X
X
3
0
4
0 X
5
0 A0 51 A1 52 A2 53 A3
56 cycles
h
0 X h1 X
X
X
h
2
h
3
8-bit header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com