Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 71Page - Exar Corporation XRT86VL32IB Datasheet HTML 72Page - Exar Corporation XRT86VL32IB Datasheet HTML 73Page - Exar Corporation XRT86VL32IB Datasheet HTML 74Page - Exar Corporation XRT86VL32IB Datasheet HTML 75Page - Exar Corporation XRT86VL32IB Datasheet HTML 76Page - Exar Corporation XRT86VL32IB Datasheet HTML 77Page - Exar Corporation XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
XRT86VL3X
68
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
FIGURE 72. INTERFACING XRT86VL3X RECEIVE TO LOCAL TERMINAL EQUIPMENT USING 16.384MBIT/S, HMVIP
16.384MBIT/S, AND H.100 16.384MBIT/S
FIGURE 73. TIMING SIGNAL WHEN THE RECEIVE FRAMER IS RUNNING AT 16.384MHZ BIT-MULITPLEXED MODE
FIGURE 74. TIMING SIGNAL WEHN THE RECEIVE FRAMER IS RUNNING AT HMVIP AND H100 16.384MHZ MODE
RxSER0
RxSERCLK0 (12/16MHz)
RxSYNC0
Transmit
Payload
Data Input
Interface
Chn 0
Transmit
Payload
Data Input
Interface
Chn 4
Terminal
Equipment
XRT86VL38
Chn 1
Chn 2
Chn 3
Chn 5
Chn 6
Chn 7
RxSER4
RxSERCLK (12/16MHz)
RxSYNC4
RxSerClk (16.384MHz)
RxSerClk (INV)
RxSer
RxSync(input)
1
0 0 11 0
0
0
1
2
1
3
2
0 0 21 0
0
3
0
4
0 0
5
0 A0 51 A1 52 A2 53 A3
56 cycles
h
0 X h1 X
X
X
h
2
h
3
8-bit header
RxSerClk (16.384MHz)
RxSerClk (INV)
RxSer
1
2
1
2
5
2 52
1
0 10 20 20
3
0
4
0
3
0
4
0
5
0 50 60 60
7
3 73 83 83
h
0
h
1
h
0
h
1
h
2 h2 h3 h3
56 cycles
5
3 53 63 63 73 73 83 83
0
0
A
2 A2
0 0 0 0
0
0
0
0
A
0 A0 B0 B0
C
3C3D3D3
1
1
1
1
1 1 1 1
56 cycles
A
3 A3 B3 B3C3C3D3D3
RxSig
Start of Frame
X
y : X is the bit number and y is the channel number
RxSync(input)
H.100, negative sync
RxSync(input)
H.100, positive sync
RxSync(input)
HMVIP, negative sync
RxSync(input)
HMVIP, positive sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com