Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 87Page - Exar Corporation XRT86VL32IB Datasheet HTML 88Page - Exar Corporation XRT86VL32IB Datasheet HTML 89Page - Exar Corporation XRT86VL32IB Datasheet HTML 90Page - Exar Corporation XRT86VL32IB Datasheet HTML 91Page - Exar Corporation XRT86VL32IB Datasheet HTML 92Page - Exar Corporation XRT86VL32IB Datasheet HTML 93Page - Exar Corporation XRT86VL32IB Datasheet HTML 94Page - Exar Corporation XRT86VL32IB Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
XRT86VL3X
84
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
.
FIGURE 89. INTERFACING XRT86VL3X RECEIVE TO LOCAL TERMINAL EQUIPMENT USING 16.384MBIT/S, HMVIP
16.384MBIT/S, AND H.100 16.384MBIT/S
FIGURE 90. WAVEFORMS FOR CONNECTING THE RECEIVE MULTIPLEXED HIGH-SPEED INPUT INTERFACE AT
12.352MBIT/S MODE
FIGURE 91. WAVEFORMS FOR CONNECTING THE RECEIVE MULTIPLEXED HIGH-SPEED INPUT INTERFACE AT
16.384MBIT/S MODE
RxSER0
RxSERCLK0 (12/16MHz)
RxSYNC0
Transmit
Payload
Data Input
Interface
Chn 0
Transmit
Payload
Data Input
Interface
Chn 4
Terminal
Equipment
XRT86VL38
Chn 1
Chn 2
Chn 3
Chn 5
Chn 6
Chn 7
RxSER4
RxSERCLK (12/16MHz)
RxSYNC4
RxSerClk (12.352MHz)
RxSerClk (INV)
RxSer
RxSync(input)
F
0 F0 F1 F1 F2 F2 F3 F3 10 0 11 0
0
0
1
2
1
3
2
0 0 21 0
0
3
0
4
0 0
5
0 A0 51 A1 52 A2 53 A3 60 B0 61 B1 62 B2 63 B3
RxSerClk (16.384MHz)
RxSerClk (INV)
RxSer
RxSync(input)
F
0 F0 F1 F1 F2 F2 F3 F3
1
0 0 11 0
0
0
1
2
1
3
2
0 0 21 0
0
3
0
4
0 0
5
0 A0 51 A1 52 A2 53 A3
56 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com