Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 154 page
background image
XRT86VL3X
31
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
3.10
D/E Time Slot Transmit HDLC Controller Block V5.1 or V5.2 Interface
V5.2 protocol specifies a provision for transmitting simultaneous LAPD messages. Since only one message
can be sent through the datalink bits at one time, an alternative path for communication is offered within the
framer block. This alternative path is known as D or E channel which can be transmitted through one or more
of the DS-0 time slots. D channel is used primarily for data link applications. E channel is used primarily for
signaling for circuit switching with multiple access configurations. A range of time slots can be dedicated to
HDLC1, while a different range of time slots can be dedicated to HDLC2 to support V5.2. In addition, HDLC3
can be used to transmit a third LAPD message if desired. The HDLC controllers are implemented in the same
manner as the datalink described above with the exception of the data link source select bits.
3.11
Automatic Performance Report (APR)
The APR feature allows the system to transmit PMON status within a LAPD Framing format A at one second
intervals or within a single shot report. The data octets 5 through 12 within the LAPD frame are replaced with
the PMON status for the previous one second interval.
NOTE: The right most bit (bit 1) is transmitted first for all fields except for the two bytes of the FCS that are transmitted left
most bit (bit 8) first.
3.11.1
Bit Value Interpretation
G1 = 1 if number of CRC error events is equal to 1
G2 = 1 if number of CRC error events is greater than 1 or equal to 5
G3 = 1 if number of CRC error events is greater than 5 or equal to 10
G4 = 1 if number of CRC error events is greater than 10 or equal to 100
G5 = 1 if number of CRC error events is greater than 100 or equal to 319
G6 = 1 if number of CRC error events is equal to 320
SE = 1 if a severely errored framing event occurs (FE shall be 0)
FE = 1 if a framing synchronization bit error event occurs (SE shall be 0)
LV = 1 if a line code violation event occurs
SL = 1 if slip event within the slip buffer occurs
TABLE 2: FRAMING FORMAT FOR PMON STATUS INSERTED WITHIN LAPD BY INITIATING APR
Octet Number
8
7
6
5
4
3
2
1
Time (s)
1
2
CR
EA=0
3
EA=1
4
5
G3
LV
G4
U1
U2
G5
SL
G6
T0
6
FE
SE
LB
G1
R
G2
Nm
Ni
7
G3
LV
G4
U1
U2
G5
SL
G6
T0 - 1
8
FE
SE
LB
G1
R
G2
Nm
Ni
9
G3
LV
G4
U1
U2
G5
SL
G6
T0 - 2
10
FE
SE
LB
G1
R
G2
Nm
Ni
11
G3
LV
G4
U1
U2
G5
SL
G6
T0 - 3
12
FE
SE
LB
G1
R
G2
Nm
Ni
13
14
15
Flag = 01111110
SAPI = 001110
TEI = 0000000
Control = 00000011 = Unacknowledged Frame
FCS
Flag = 01111110
FCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com