Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation XRT86VL32IB Datasheet HTML 88Page - Exar Corporation XRT86VL32IB Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 154 page
background image
XRT86VL3X
78
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
The Transmit Single-frame Synchronization signal of Channel 0 pulses HIGH for one clock cycle at the first bit
position (F-bit of channel 0) of the multiplexed data stream with data from Channel 0-3 multiplexed together.
The Transmit Single-frame Synchronization signal of Channel 4 pulses HIGH for one clock cycle at the first bit
position (F-bit of Channel 4) of the data stream with data from Channel 4-7 multiplexed together. By sampling
the HIGH pulse on the Transmit Single-frame Synchronization signal, the framer can position the beginning of
the multiplexed DS1 frame. It is responsibility of the Terminal Equipment to align the multiplexed transmit serial
data with the Transmit Single-frame Synchronization pulse.
Inside the framer, all the "don't care" bits will be stripped away. The framing bits, signaling and payload data are
de-multiplexed inside the XRT86VL3x and sent to each individual channel. These data will be processed by
each individual framer and send to the LIU interface. The local Terminal Equipment provides a free-running
1.544MHz clock to the Transmit Serial Input clock of each channel. The framer will use this clock to carry the
processed payload and signaling data to the transmit section of the device.
Figure 85 shows how to connect
the Transmit multiplexed high-speed Input Interface block to local Terminal Equipment. Figure 89 shows the
timing signal when the transmit framer is running at 12.352 Bit-Multiplexed Mode
FIGURE 85. INTERFACING XRT86VL3X TRANSMIT TO LOCAL TERMINAL EQUIPMENT USING 16.384MBIT/S, HMVIP
16.384MBIT/S, AND H.100 16.384MBIT/S
TxSER0
TxINCLK0 (12/16MHz)
TxSYNC0
TxSERCLK0 (1.544MHz)
Transmit
Payload
Data Input
Interface
Chn 0
Transmit
Payload
Data Input
Interface
Chn 4
Terminal
Equipment
XRT86VL38
Chn 1
Chn 2
Chn 3
Chn 5
Chn 6
Chn 7
TxSERCLK1 (1.544MHz)
TxSERCLK2 (1.544MHz)
TxSERCLK3 (1.544MHz)
TxSER4
TxINCLK4 (12/16MHz)
TxSYNC4
TxSERCLK4 (1.544MHz)
TxSERCLK5 (1.544MHz)
TxSERCLK6 (1.544MHz)
TxSERCLK7 (1.544MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com