Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 86 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 86 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation XRT86VL32IB Datasheet HTML 88Page - Exar Corporation XRT86VL32IB Datasheet HTML 89Page - Exar Corporation XRT86VL32IB Datasheet HTML 90Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
XRT86VL3X
79
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
Transmit 16.384 Bit-Multiplexed Mode
Please refer to Figure 85 for how to interface the transmit payload data input interface block to the terminal
equipment. The local Terminal Equipment maps four 1.544Mbit/s DS1 data streams into this 16.384Mbit/s data
stream as described below:
1. The F-bit of four channels are repeated and grouped together to form the first octet of the multiplexed data
stream. The F-bit of Channel 0 is sent first, followed by F-bit of Channel 1 and 2. The F-bit of Channel 3 is
sent last. The table below shows bit-pattern of the first octet.
FX: F-bit of Channel X
2. After the first octet of data is sent, the local Terminal Equipment should insert seven octets (fifty-six bits) of
"don't care" data into the outgoing data stream.
3. Payload data of four channels are repeated and grouped together in a bit-interleaved way. The first pay-
load bit of Timeslot 0 of Channel 0 is sent first, followed by the first payload bit of Timeslot 0 of Channel 1
and 2. The first payload bit of Timeslot 0 of Channel 3 is sent last. After the first bits of Timeslot 0 of all four
channels are sent, it comes the second bit of Timeslot 0 of Channel 0 and so on. The table below demon-
strates how payload bits of four channels are mapped into the 16.384Mbit/s data stream.
XY: The Xth payload bit of Channel Y
4. The local Terminal Equipment also multiplexed signaling bits with payload bits and sent them together
through the 16.384Mbit/s data stream. When the Terminal Equipment is sending the fifth payload bit of
each channel, instead of sending it twice, it inserts the signaling bit A of that corresponding channel. Simi-
larly, the sixth payload bit of each channel is followed by the signaling bit B of that channel; the seventh
payload bit is followed by the signaling bit C; the eighth payload bit is followed by the signaling bit D.
FIGURE 86. TIMING SIGNALS WHEN THE TRANSMIT FRAMER IS RUNNING AT 12.352 BIT-MULTIPLEXED MODE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
F0
F0
F1
F1
F2
F2
F3
F3
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
10
10
11
11
12
12
13
13
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
20
20
21
21
22
22
23
23
TxInClk (12.352MHz)
TxInClk (INV)
TxSer
TxSync(input)
F
0 F0 F1 F1 F2 F2 F3 F3 10 X 11 X
X
X
1
2
1
3
2
0 X 21 X
X
3
0
4
0 X
5
0 A0 51 A1 52 A2 53 A3 60 B0 61 B1 62 B2 63 B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com