Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 7Page - SMSC Corporation USB4640 Datasheet HTML 8Page - SMSC Corporation USB4640 Datasheet HTML 9Page - SMSC Corporation USB4640 Datasheet HTML 10Page - SMSC Corporation USB4640 Datasheet HTML 11Page - SMSC Corporation USB4640 Datasheet HTML 12Page - SMSC Corporation USB4640 Datasheet HTML 13Page - SMSC Corporation USB4640 Datasheet HTML 14Page - SMSC Corporation USB4640 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
11
Revision 1.0 (06-09-09)
DATASHEET
Chapter 3 Pin Configuration
Figure 3.1 USB4640/USB4640i 48-Pin QFN
Ground Pad
(must be connected to VSS)
SMSC
USB4640/40i
(Top View QFN-48)
Indicates pins on the bottom of the device.
nRESET
38
39
GPIO1 / LED / TXD
37
TEST
40
VDD12
41
HSIC_STROBE
43
XTAL2
44
XTAL1 (CLKIN)
45
RBIAS
48
VDD33
47
PLLFILT
46
HSIC_DAT
42
21
SD_CLK / MS_BS / xD_nWP
20
SD_D6 / MS_D7 / xD_D0
19
SD_D7 / MS_D6 / xD_D1
18
SD_D0 / MS_D4 / xD_D2
17
CRFILT
16
SD_D1 / MS_D5 / xD_D3
15
VDD33
14
GPIO15 / SD_nCD
13
GPIO6 / SD_WP / MS_SCLK / xD_D4
23
SD_D5 / MS_D1 / xD_ALE
22
xD_nWE
24
SD_CMD / MS_D0 / xD_CLE
HSIC_IMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com