Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 34Page - SMSC Corporation USB4640 Datasheet HTML 35Page - SMSC Corporation USB4640 Datasheet HTML 36Page - SMSC Corporation USB4640 Datasheet HTML 37Page - SMSC Corporation USB4640 Datasheet HTML 38Page - SMSC Corporation USB4640 Datasheet HTML 39Page - SMSC Corporation USB4640 Datasheet HTML 40Page - SMSC Corporation USB4640 Datasheet HTML 41Page - SMSC Corporation USB4640 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
38
SMSC USB4640/USB4640i
DATASHEET
8.4.2.3
A4h-A5h: Smart Media Device Power Configuration
8.4.2.4
A6h-A7h: Secure Digital Device Power Configuration
8.4.2.5
A8h: LED Blink Interval
8.4.2.6
A9h: LED Blink Duration
FET
TYPE
BITS
BIT TYPE
DESCRIPTION
0
FET Lo Byte
SM_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
SM_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
FET
TYPE
BITS
BIT TYPE
DESCRIPTION
0
FET Lo Byte
SD_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
SD_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
BYTE
NAME
DESCRIPTION
0
LED_BLK_INT
The blink rate is programmable in 50 ms intervals. The high bit (7) indicates
an idle state:
‘0’ - Off
‘1’ - On
The remaining bits (6:0) are used to determine the blink interval up to a max
of 128 x 50 ms.
BYTE
NAME
DESCRIPTION
1
LED_BLK_DUR
LED Blink After Access. This byte is used to designate the number of
seconds that the GPIO1 LED will continue to blink after a drive access.
Setting this byte to "05" will cause the GPIO 1 LED to blink for 5 seconds
after a drive access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com