Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 26Page - SMSC Corporation USB4640 Datasheet HTML 27Page - SMSC Corporation USB4640 Datasheet HTML 28Page - SMSC Corporation USB4640 Datasheet HTML 29Page - SMSC Corporation USB4640 Datasheet HTML 30Page - SMSC Corporation USB4640 Datasheet HTML 31Page - SMSC Corporation USB4640 Datasheet HTML 32Page - SMSC Corporation USB4640 Datasheet HTML 33Page - SMSC Corporation USB4640 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
30
SMSC USB4640/USB4640i
DATASHEET
9Bh
USB_MAX_PWR
USB Max Power
30h (96 mA)
9Ch
ATT_LB
Attribute Lo byte
40h (Reverse SD_WP only)
9Dh
ATT_HLB
Attribute Hi Lo byte
80h (Reverse SD2_WP only)
9Eh
ATT_LHB
Attribute Lo Hi byte
00h
9Fh
ATT_HB
Attribute Hi byte
00h
A0h
MS_PWR_LB
Memory Stick Device
Power Lo byte
00h
A1h
MS_PWR_HB
Memory Stick Device
Power Hi byte
0Ah
A2h-A3h
Not Applicable
-
00h
A4h
SM_PWR_LB
Smart Media Device
Power Lo byte
00h
(See Note 8.2)
A5h
SM_PWR_HB
Smart Media Device
Power Hi byte
0Ah
(See Note 8.2)
A6h
SD_PWR_LB
Secure Digital Device
Power Lo byte
00h
A7h
SD_PWR_HB
Secure Digital Device
Power Hi byte
0Ah
A8h
LED_BLK_INT
LED Blink Interval
02h
A9h
LED_BLK_DUR
LED Blink After Access
28h
AAh - B0h
DEV0_ID_STR
Device 0 Identifier String
N/A
B1h - B7h
DEV1_ID_STR
Device 1 Identifier String
“MS”
B8h - BEh
DEV2_ID_STR
Device 2 Identifier String
“SM”
(See Note 8.2)
BFh - C5h
DEV3_ID_STR
Device 3 Identifier String
“SD/MMC”
C6h - CDh
INQ_VEN_STR
Inquiry Vendor String
“Generic”
CEh - D2h
INQ_PRD_STR
Inquiry Product String
82640
D3h
DYN_NUM_LUN
Dynamic Number of LUNs
01h
D4h - D7h
DEV_LUN_MAP
Device to LUN Mapping
FFh, 00h, 00h, 00h
D8h - DAh
Reserved
-
00h, 06h, 0Dh
DBh - DDh
Reserved
-
59h, 56h, 97h
Table 8.1 Internal Flash Media Controller Configurations (continued)
ADDRESS
REGISTER NAME
DESCRIPTION
INTERNAL DEFAULT VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com