Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 12Page - SMSC Corporation USB4640 Datasheet HTML 13Page - SMSC Corporation USB4640 Datasheet HTML 14Page - SMSC Corporation USB4640 Datasheet HTML 15Page - SMSC Corporation USB4640 Datasheet HTML 16Page - SMSC Corporation USB4640 Datasheet HTML 17Page - SMSC Corporation USB4640 Datasheet HTML 18Page - SMSC Corporation USB4640 Datasheet HTML 19Page - SMSC Corporation USB4640 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
16
SMSC USB4640/USB4640i
DATASHEET
PRTCTL[3:2]
7
6
I/OD6PU
USB Power Enable
As an output, these pins enable power to downstream USB
peripheral devices and have weak internal pull-up resistors. See
Section 6.3, "Port Power Control" for diagram and usage instructions.
As an input, when the power is enabled, these pins monitor the over-
current condition. When an over-current condition is detected, the
pins turn the power off.
RBIAS
47
I-R
USB Transceiver Bias
A 12.0 k
Ω, ±1.0% resistor is attached from VSS to this pin in order
to set the transceiver's internal bias currents.
XTAL1 (CLKIN)
45
ICLKx
24 MHz Crystal Input or External Clock Input
This pin can be connected to one terminal of the crystal or it can be
connected to an external 24 MHz clock when a crystal is not used.
XTAL2
44
OCLKx
24 MHz Crystal Output
This is the other terminal of the crystal or it is left open when an
external clock source is used to drive XTAL1(CLKIN).
SECURE DIGITAL INTERFACE
SD_D[7:0]
19
20
23
30
32
33
17
18
I/O8PU
Secure Digital Data 7-0
These are the bi-directional data signals SD_D0 - SD_D7 with weak
pull-up resistors.
SD_CLK
21
O8
Secure Digital Clock
This is an output clock signal to the SD/MMC device.
SD_CMD
24
I/O8PU
Secure Digital Command
This is a bi-directional signal that connects to the CMD signal of the
SD/MMC device. The bi-directional signal has a weak internal pull-
up resistor.
GPIO15 /
SD_nCD
14
I/O6
This general purpose pin may be used either as input, edge sensitive
interrupt input, or output. Custom firmware is required to activate this
function.
I/O8PU
Secure Digital Card Detect GPIO
This is a GPIO designated by the default firmware as the Secure
Digital card detection pin and has an internal pull-up.
Table 6.1 USB4640/USB4640i Pin Descriptions (continued)
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com