Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 50 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 46Page - SMSC Corporation USB4640 Datasheet HTML 47Page - SMSC Corporation USB4640 Datasheet HTML 48Page - SMSC Corporation USB4640 Datasheet HTML 49Page - SMSC Corporation USB4640 Datasheet HTML 50Page - SMSC Corporation USB4640 Datasheet HTML 51Page - SMSC Corporation USB4640 Datasheet HTML 52Page - SMSC Corporation USB4640 Datasheet HTML 53Page - SMSC Corporation USB4640 Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
50
SMSC USB4640/USB4640i
DATASHEET
8.4.4.24
F7h-FBh: Not Applicable
8.4.4.25
FCh-FFh: Non-Volatile Storage Signature
8.4.5
Internal Flash Media Controller Extended Configurations
Enable Registers 100h - 17Fh by setting bit 7 of bmAttribute.
8.4.5.1
100h-106h: Combo LUN 0 Identifier String
8.4.5.2
107h-17Bh: Not Applicable
8.4.5.3
17Ch -17Fh: Non-Volatile Storage Signature for Extended Configuration
8.4.6
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master Specification (Please refer to the
Philips Semiconductor Standard I2C-Bus Specification for details on I2C bus protocols). The device’s
I2C EEPROM interface is designed to attach to a single “dedicated” I2C EEPROM, and it conforms to
the Standard-mode I2C Specification (100 kbps transfer rate and 7-bit addressing) for protocol and
electrical compatibility.
Note: Extensions to the I2C Specification are not supported. The device acts as the master and
generates the serial clock SCL, controls the bus access (determines which device acts as the
transmitter and which device acts as the receiver), and generates the START and STOP
conditions.
BIT
BYTE NAME
DESCRIPTION
7:0
Not Applicable
Not applicable.
BYTE
NAME
DESCRIPTION
3:0
NVSTORE_SIG
This signature is used to verify the validity of the data in the first 256 bytes of
the configuration area. The signature must be set to ‘ATA2’ for
USB4640/USB4640i.
BYTE
NAME
DESCRIPTION
6:0
CLUN0_ID_STR
If the device to LUN mapping bytes have configured this LUN to be a combo
LUN, then these strings will be used to identify the LUN rather than the
device identifier strings.
BYTE
NAME
DESCRIPTION
116:0
Not Applicable
Not Applicable.
BYTE
NAME
DESCRIPTION
3:0
NVSTORE_SIG2
This signature is used to verify the validity of the data in the upper 256 bytes
if a 512 byte EEPROM is used, otherwise this bank is a read-only configuration
area. The signature must be set to 'ecf1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com