Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 39Page - SMSC Corporation USB4640 Datasheet HTML 40Page - SMSC Corporation USB4640 Datasheet HTML 41Page - SMSC Corporation USB4640 Datasheet HTML 42Page - SMSC Corporation USB4640 Datasheet HTML 43Page - SMSC Corporation USB4640 Datasheet HTML 44Page - SMSC Corporation USB4640 Datasheet HTML 45Page - SMSC Corporation USB4640 Datasheet HTML 46Page - SMSC Corporation USB4640 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
43
Revision 1.0 (06-09-09)
DATASHEET
8.4.4.10
E7h: Non-Removable Device
3
PRTMAP_EN
Port Mapping Enable: Selects the method used by the hub to assign port
numbers and disable ports.
‘0’ = Standard Mode. Strap options or the following registers are used to
define which ports are enabled, and the ports are mapped as port ‘n’ on the
hub is reported as port ‘n’ to the host, unless one of the ports is disabled,
then the higher numbered ports are remapped in order to report contiguous
port numbers to the host.
Register 300Ah: Port disable for self-powered operation (Reset = 0x00).
Register 300Bh: Port disable for bus-powered operation (Reset = 0x00).
‘1’ = Port Map mode. The mode enables remapping via the registers defined
below.
Register 30FBh: Port Map 12 (Reset = 0x00)
Register 30FCh: Port Map 3 (Reset = 0x00)
2:0
Reserved
Reserved
BIT
BYTE NAME
DESCRIPTION
7:0
NR_DEVICE
Indicates which port(s) include non-removable devices.
‘0’ = Port is removable
‘1’ = Port is non-removable
Informs the host if one of the active ports has a permanent device that is
undetachable from the hub. The device must provide its own descriptor data.
When using the internal default option, the NON_REM[1:0] pins will
designate the appropriate ports as being non-removable.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0= Reserved
Note:
Bit 1 must be set to a ‘1’ by the firmware for proper identification of
the card reader as a non-removable device.
BIT
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com