Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 55 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 51Page - SMSC Corporation USB4640 Datasheet HTML 52Page - SMSC Corporation USB4640 Datasheet HTML 53Page - SMSC Corporation USB4640 Datasheet HTML 54Page - SMSC Corporation USB4640 Datasheet HTML 55Page - SMSC Corporation USB4640 Datasheet HTML 56Page - SMSC Corporation USB4640 Datasheet HTML 57Page - SMSC Corporation USB4640 Datasheet HTML 58Page - SMSC Corporation USB4640 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
55
Revision 1.0 (06-09-09)
DATASHEET
Chapter 10 DC Parameters
10.1
Maximum Guaranteed Ratings
Note: Stresses above the specified parameters may cause permanent damage to the device. This is
a stress rating only. Functional operation of the device at any condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies the absolute maximum ratings must not be exceeded or
device failure can result. Some power supplies exhibit voltage spikes on their outputs when the
AC power is switched on or off. In addition, voltage transients on the AC power line may appear
on the DC output. When this possibility exists, a clamp circuit should be used.
Figure 10.1 Supply Rise Time Model
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TSTOR
-55
150
°C
Lead
Temperature
°C
Please refer to JEDEC
specification J-STD-020D.
3.3 V supply
voltage
VDD33
-0.5
4.0
V
Voltage on
USB+ and
USB- pins
-0.5
(3.3 V supply voltage + 2)
≤ 6V
Voltage on
GPIO10
-0.5
VDD33 + 0.3
V
When internal power FET
operation of these pins are
enabled, these pins may be
simultaneously shorted to
ground or any voltage up to
3.63 V indefinitely, without
damage to the device as
long as VDD33 is less than
3.63 V and TA is less than
70oC.
Voltage on
any signal pin
-0.5
VDD33 + 0.3
V
Voltage on
XTAL1
-0.5
3.6
V
Voltage on
XTAL2
-0.5
2.0
V
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3 V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com