Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 21Page - SMSC Corporation USB4640 Datasheet HTML 22Page - SMSC Corporation USB4640 Datasheet HTML 23Page - SMSC Corporation USB4640 Datasheet HTML 24Page - SMSC Corporation USB4640 Datasheet HTML 25Page - SMSC Corporation USB4640 Datasheet HTML 26Page - SMSC Corporation USB4640 Datasheet HTML 27Page - SMSC Corporation USB4640 Datasheet HTML 28Page - SMSC Corporation USB4640 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
25
Revision 1.0 (06-09-09)
DATASHEET
Chapter 7 Pin Reset States
Figure 7.1 Pin Reset States
7.1
Pin Reset States
Table 7.1 Legend for Pin Reset States Table
SYMBOL DESCRIPTION
0
Output driven low
1
Output driven high
IP
Input enabled
PU
Hardware enables pull-up
PD
Hardware enables pull-down
none
Hardware disables pad
--
Hardware disables function
Z
Hardware disables pad. Both output
driver and input buffers are disabled.
Table 7.2 USB4640/USB4640i Reset States Table
RESET STATE
PIN
PIN NAME
FUNCTION
INPUT/
OUTPUT
PU/
PD
1
USBDN_DM2
USBDN_DM2
IP
PD
2
USBDN_DP2
USBDN_DP2
IP
PD
3
USBDN_DM3
USBDN_DM3
IP
PD
4
USBDN_DP3
USBDN_DP3
IP
PD
6
PRTCTL2
PRTCTL
0
--
7
PRTCTL3
PRTCTL
0
--
Voltage
Signal
(v)
Time
(t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD33
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com