Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 51 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 47Page - SMSC Corporation USB4640 Datasheet HTML 48Page - SMSC Corporation USB4640 Datasheet HTML 49Page - SMSC Corporation USB4640 Datasheet HTML 50Page - SMSC Corporation USB4640 Datasheet HTML 51Page - SMSC Corporation USB4640 Datasheet HTML 52Page - SMSC Corporation USB4640 Datasheet HTML 53Page - SMSC Corporation USB4640 Datasheet HTML 54Page - SMSC Corporation USB4640 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
51
Revision 1.0 (06-09-09)
DATASHEET
8.4.6.1
Implementation Characteristics
The device will only access an EEPROM using the sequential read protocol.
8.4.6.2
Pull-Up Resistor
The circuit board designer is required to place external pull-up resistors (10 k
Ω recommended) on the
SPI_DO / GPIO5 / SDA / SPI_SPD_SEL and SPI_CLK / GPIO4 / SCL lines (per SMBus 1.0
Specification and EEPROM manufacturer guidelines) to VDD33 in order to assure proper operation.
8.4.7
In-Circuit EEPROM Programming
The EEPROM can be programmed via automatic test equipment (ATE). Pulling nRESET low tri-states
the device’s EEPROM interface and allows an external source to program the EEPROM.
8.5
Default Configuration Option
The SMSC device can be configured via its internal default configuration. Please see Section 8.3.2,
"EEPROM Data Descriptor" for specific details on how to enable default configuration. Please refer to
Table 8.1 for the internal default values that are loaded when this option is selected.
8.6
Reset
There are three different resets that the device experiences. One is a hardware reset from the internal
power-on reset (POR) circuit, another reset is via the nRESET pin, and the third is a USB bus reset.
8.6.1
Internal POR Hardware Reset
All reset timing parameters are guaranteed by design.
8.6.2
External Hardware nRESET
A valid hardware reset is defined as assertion of nRESET for a minimum of 1
μs after all power
supplies are within operating range. While reset is asserted, the device (and its associated external
circuitry) consumes less than 500
μA of current.
Assertion of nRESET (external pin) causes the following:
1. All downstream ports are disabled and PRTCTL power to downstream devices is removed.
2. The PHYs are disabled and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00h).
5. The external crystal oscillator is halted.
6. The PLL is halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com