Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 33Page - SMSC Corporation USB4640 Datasheet HTML 34Page - SMSC Corporation USB4640 Datasheet HTML 35Page - SMSC Corporation USB4640 Datasheet HTML 36Page - SMSC Corporation USB4640 Datasheet HTML 37Page - SMSC Corporation USB4640 Datasheet HTML 38Page - SMSC Corporation USB4640 Datasheet HTML 39Page - SMSC Corporation USB4640 Datasheet HTML 40Page - SMSC Corporation USB4640 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
37
Revision 1.0 (06-09-09)
DATASHEET
8.4.2
A0h-A7h: Device Power Configuration
The USB4640/USB4640i has one internal FET which can be utilized for card power. This section
describes the default internal configuration. The settings are stored in NVSTORE and provide the
following features:
1. A card can be powered by an external FET or by an internal FET.
2. The power limit can be set to 100 mA or 200 mA (Default) for the internal FET.
Each media uses two bytes to store its device power configuration. Bit 3 selects between internal or
external card power FET options. For internal FET card power control, bits 0 through 2 are used to
set the power limit. The “Device Power Configuration” bits are ignored unless the “Enable Device
Power Configuration” bit is set. See Section 8.4.1.19, "9Ch-9Fh: Attribute Byte Descriptions," on
page 36.
8.4.2.1
A0h-A1h: Memory Stick Device Power Configuration
8.4.2.2
A2h-A3h: Not Applicable
2
ATT_LHB
0
Attach on Card Insert / Detach on Card Removal
‘1’ - Attach on Insert is enabled.
‘0’ (default) - Attach on Insert is disabled.
1
Always reads ‘0’.
2
Enable Device Power Configuration
‘1’ - Custom Device Power Configuration stored in the NVSTORE is used.
‘0’ (default) - Default Device Power Configuration is used.
7:3
Always reads ‘0’.
3
ATT_HB
6:0
Always reads ‘0’.
7
xD Player Mode
FET
TYPE
BITS
BIT TYPE
DESCRIPTION
0
FET Lo Byte
MS_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
MS_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
BYTE
NAME
DESCRIPTION
1:0
Not Applicable
Not applicable.
BYTE
BYTE
NAME
BIT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com