Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 59 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 55Page - SMSC Corporation USB4640 Datasheet HTML 56Page - SMSC Corporation USB4640 Datasheet HTML 57Page - SMSC Corporation USB4640 Datasheet HTML 58Page - SMSC Corporation USB4640 Datasheet HTML 59Page - SMSC Corporation USB4640 Datasheet HTML 60Page - SMSC Corporation USB4640 Datasheet HTML 61Page - SMSC Corporation USB4640 Datasheet HTML 62Page - SMSC Corporation USB4640 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
59
Revision 1.0 (06-09-09)
DATASHEET
Note 10.1 Output leakage is measured with the current pins in high impedance.
Note 10.2 See the USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 10.3 RBIAS is a 3.3 V tolerant analog pin.
Note 10.4 Output current range is controlled by program software. The software disables the FET
during short circuit condition.
Note 10.5 Please refer to the USB 2.0 supplement “High-Speed Inter-Chip USB Electrical
Specification Revision 1.0 as of September 23, 2007” which can be obtained from
http://www.usb.org/developers/docs/docs.
Note 10.6 Typical and maximum values were characterized using the following temperature ranges:
The USB4640 supports the commercial temperature range of 0°C to +70°C
The USB4640i supports the industrial temperature range of -40°C to +85°C
Supply Current Unconfigured
Hi-Speed Host
USB4640
USB4640i
Full Speed Host
USB4640
USB4640i
ICCINTHS
ICCINTHS
ICCINITFS
ICCINITFS
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
mA
mA
mA
mA
Note 10.6
Supply Current Configured
Hi-Speed Host, 1 downstream port
USB4640
USB4640i
IHCH1
IHCH1
TBD
TBD
TBD
TBD
mA
mA
Note 10.6
Supply Current Configured
Hi-Speed Host, each additional
downstream port
USB4640
USB4640i
TBD
TBD
TBD
TBD
mA
mA
Supply Current Configured
Full-Speed Host, 1 downstream port
USB4640
USB4640i
IFCC1
IFCC1
TBD
TBD
TBD
TBD
mA
mA
Supply Current Configured
Full-Speed Host, each additional
downstream port
USB4640
USB4640i
TBD
TBD
TBD
TBD
mA
mA
HSIC_DAT, HSIC_STROBE
Driver Impedance
ID
TBD
TBD
Ω
Note 10.5
Supply Current Active
ICC
TBD
TBD
mA
Note 10.6
Supply Current Suspend
ICSBY
TBD
TBD
µA
Supply Current Reset
IRST
TBD
TBD
µA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com