Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 24Page - SMSC Corporation USB4640 Datasheet HTML 25Page - SMSC Corporation USB4640 Datasheet HTML 26Page - SMSC Corporation USB4640 Datasheet HTML 27Page - SMSC Corporation USB4640 Datasheet HTML 28Page - SMSC Corporation USB4640 Datasheet HTML 29Page - SMSC Corporation USB4640 Datasheet HTML 30Page - SMSC Corporation USB4640 Datasheet HTML 31Page - SMSC Corporation USB4640 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
28
SMSC USB4640/USB4640i
DATASHEET
Chapter 8 Configuration Options
8.1
Hub
SMSC’s USB 2.0 hub is fully compliant to the Universal Serial Bus Specification available from the
USB Implementer’s Forum found at http://www.usb.org (Revision 2.0 April 27, 2000 and the 12/7/2000
and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details regarding
hub operation and functionality.
For performance reasons, the hub provides 1 transaction translator (TT) that is shared by both
downstream ports defined as a single-TT configuration. The TT contains 4 non-periodic buffers.
8.1.1
Hub Configuration Options
The SMSC hub supports a large number of features (some are mutually exclusive), and must be
configured in order to correctly function when attached to a USB host controller. There are two principal
ways to configure the hub:
via the internal default settings or
by settings stored in an external EEPROM or SPI Flash device.
8.1.1.1
Power Switching Polarity
The hub will only support active high power controllers.
8.2
Card Reader
The SMSC USB4640/USB4640i is fully compliant with the following flash media card reader
specifications:
Secure Digital 2.0 / MultiMediaCard 4.2
-SD 2.0, HS-SD, HC-SD
-TransFlash™ and reduced form factor media
-1/4/8 bit MMC 4.2
Memory Stick 1.43
Memory Stick Pro Format 1.02
Memory Stick Pro-HG Duo Format 1.01
-Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
Memory Stick Duo 1.10
xD-Picture Card 1.2
8.3
System Configurations
8.3.1
EEPROM/SPI Interface
The USB4640/USB4640i can be configured via a 2-wire (I2C) EEPROM (512x8) or an external SPI
flash device containing the firmware for the USB4640/USB4640i. If an external configuration device
does not exist the internal default values will be used. If one of the external devices is used for
configuration, the OEM can update the values through the USB interface. The hub will then “attach”
to the upstream USB host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com