Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 15Page - SMSC Corporation USB4640 Datasheet HTML 16Page - SMSC Corporation USB4640 Datasheet HTML 17Page - SMSC Corporation USB4640 Datasheet HTML 18Page - SMSC Corporation USB4640 Datasheet HTML 19Page - SMSC Corporation USB4640 Datasheet HTML 20Page - SMSC Corporation USB4640 Datasheet HTML 21Page - SMSC Corporation USB4640 Datasheet HTML 22Page - SMSC Corporation USB4640 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
19
Revision 1.0 (06-09-09)
DATASHEET
xD_nWP
21
O8PD
xD-Picture Card Write Protect
This pin is an active low write protect signal for the xD-Picture Card
device. This pin has a weak pull-down resistor that is permanently
enabled.
SPI INTERFACE
SPI_CE_n
8
O12
SPI Chip Enable
This is the active low chip enable output. If the SPI interface is
enabled, this pin must be driven high in power down states.
SPI_CLK /
GPIO4 /
SCL
9
I/O12
This is the SPI clock out to the serial ROM. See Section 6.4, "ROM
BOOT Sequence" for diagram and usage instructions. During reset,
drive this pin low.
I/O6
This pin may be used either as input, edge sensitive interrupt input,
or output. Custom firmware is required to activate this function.
When configured, this is the I2C EEPROM clock pin.
SPI_DO /
GPIO5 /
SDA /
SPI_SPD_SEL
10
I/O12
This is the data out for the SPI port. See Section 6.4, "ROM BOOT
Sequence" for diagram and usage instructions.
I/O6
This pin may be used either as input, edge sensitive interrupt input,
or output. Custom firmware is required to activate this function.
This pin is the data pin when the device is connected to the optional
I2C EEPROM.
I/O12
This pin is used to select the speed of the SPI interface. During
nRESET assertion, this pin will be tri-stated with the weak pull-down
resistor enabled. When nRESET is negated, the value on the pin will
be internally latched, and the pin will revert to SPI_DO functionality,
the internal pull-down will be disabled.
‘0’ = 30 MHz (No external resistor should be applied.)
‘1’ = 60 MHz (A 10 K external pull-up resistor must be applied.)
If the latched value is '1', then the pin is tri-stated when the chip is
in the suspend state.
If the latched value is '0', then the pin is driven low during a suspend
state.
SPI_DI
11
I/O12PD
This is the SPI data in to the controller from the ROM. This pin has
a weak internal pull-down applied at all times to prevent floating.
MISC
GPIO1 /
LED /
TXD
37
I/O6
General Purpose I/O
This pin may be used either as input, edge sensitive interrupt input,
or output. Custom firmware is required to activate this function.
GPIO1 can be used as an LED output.
This signal can be configured as the TXD output of the internal
UART. Custom firmware is required to activate this function.
Table 6.1 USB4640/USB4640i Pin Descriptions (continued)
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com