Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 56 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 52Page - SMSC Corporation USB4640 Datasheet HTML 53Page - SMSC Corporation USB4640 Datasheet HTML 54Page - SMSC Corporation USB4640 Datasheet HTML 55Page - SMSC Corporation USB4640 Datasheet HTML 56Page - SMSC Corporation USB4640 Datasheet HTML 57Page - SMSC Corporation USB4640 Datasheet HTML 58Page - SMSC Corporation USB4640 Datasheet HTML 59Page - SMSC Corporation USB4640 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
56
SMSC USB4640/USB4640i
DATASHEET
10.2
Operating Conditions
10.3
DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Commercial
USB4640
Operating
Temperature
TA
0
70
°C
Ambient temperature in still air.
Industrial
USB4640i
Operating
Temperature
TA
-40
85
°C
Ambient temperature in still air.
3.3 V supply voltage
VDD33
3.0
3.6
V
A 3.3 V regulator with an output
tolerance of 1% must be used if
the output of the internal power
FET’s must support a 5%
tolerance.
3.3 V supply rise time
tRT
0400
μs(Figure 10.1)
Voltage on
USB+ and USB- pins
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
≤ 5.5
Voltage on any signal
pin
-0.3
VDD33
V
Voltage on XTAL1
-0.3
2.0
V
Voltage on XTAL2
-0.3
2.0
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I, IPU, IPD Type Input Buffer
Low Input Level
High Input Level
Pull Down
Pull Up
VILI
VIHI
PD
PU
2.0
72
58
0.8
V
V
μA
μA
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYSI
2.0
420
0.8
V
V
mV
TTL Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com