Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 16Page - SMSC Corporation USB4640 Datasheet HTML 17Page - SMSC Corporation USB4640 Datasheet HTML 18Page - SMSC Corporation USB4640 Datasheet HTML 19Page - SMSC Corporation USB4640 Datasheet HTML 20Page - SMSC Corporation USB4640 Datasheet HTML 21Page - SMSC Corporation USB4640 Datasheet HTML 22Page - SMSC Corporation USB4640 Datasheet HTML 23Page - SMSC Corporation USB4640 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
20
SMSC USB4640/USB4640i
DATASHEET
GPIO2 /
RXD
36
I/O6
This pin may be used either as input, edge sensitive interrupt input,
or output. Custom firmware is required to activate this function.
This signal can be configured as input to the RXD of the internal
UART. Custom firmware is required to activate this function.
GPIO10
(CRD_PWR)
35
I/O200
Card power drive: 3.3 V (100 mA or 200 mA)
This must be the only FET used to power devices. Failure to do this
will violate voltage specifications on device pins. If this pin is not
being used as a card power pin, this pin may be used either as input,
edge sensitive interrupt input, or output (GPIO).
Please see Section 8.4.2.3, "A4h-A5h: Smart Media Device Power
Configuration," on page 38 for more information.
nRESET
38
IS
RESET input
The system uses this active low signal to reset the chip. The active
low pulse should be at least 1
μs wide.
TEST
40
I
TEST Input
Tie this pin to ground for normal operation.
DIGITAL / POWER / GROUND
CRFILT
15
VDD Core Regulator Filter Capacitor
This pin requires a 1.0
μF (or greater) ± 20% (ESR <0.1
Ω) capacitor
to VSS.
PLLFILT
46
Phase-locked Loop Regulator Filter Capacitor
This pin requires a 1.0
μF (or greater) ± 20% (ESR <0.1
Ω) capacitor
to VSS.
VDD12
41
1.2 V Power for HSIC pads and buffers
VDD33
5
12
16
25
34
48
3.3 V Power and Regulator Input
Please see Chapter 10, "DC Parameters," on page 55 for more
information.
Pins 16 and 48 each require an external bypass capacitor of 4.7
μF
minimum.
VSS
ePad
The ground pad is the only VSS for the device and must be tied to
ground with multiple vias.
Table 6.1 USB4640/USB4640i Pin Descriptions (continued)
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com