Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 58 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 54Page - SMSC Corporation USB4640 Datasheet HTML 55Page - SMSC Corporation USB4640 Datasheet HTML 56Page - SMSC Corporation USB4640 Datasheet HTML 57Page - SMSC Corporation USB4640 Datasheet HTML 58Page - SMSC Corporation USB4640 Datasheet HTML 59Page - SMSC Corporation USB4640 Datasheet HTML 60Page - SMSC Corporation USB4640 Datasheet HTML 61Page - SMSC Corporation USB4640 Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
58
SMSC USB4640/USB4640i
DATASHEET
O12, I/O12, and I/O12PD
Type Buffers
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 12 mA @
VDD33 = 3.3 V
IOH = -12 mA @
VDD33 = 3.3 V
VIN = 0 to VDD33
(Note 10.1)
IO-U
Note 10.2
I-R
Note 10.3
I/O200 Integrated Power FET for
GPIO10
High Output Current
Low Output Current
(Note 10.4)
On Resistance
(Note 10.4)
Output Voltage Rise Time
IOUT
IOUT
RDSON
tDSON
200
100
2.1
800
mA
mA
Ω
μs
VdropFET = 0.46 V
VdropFET = 0.23 V
IFET = 70 mA
CLOAD = 10 μF
Integrated Power FET Set to 100 mA
Output Current (Note 10.4)
Short Circuit Current Limit
On Resistance (Note 10.4)
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
100
140
2.1
800
mA
mA
Ω
μs
VdropFET = 0.22 V
VoutFET = 0 V
IFET = 70 mA
CLOAD = 10 μF
Integrated Power FET Set to 200 mA
Output Current (Note 10.4)
Short Circuit Current Limit
On Resistance (Note 10.4)
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
Ω
μs
VdropFET = 0.46 V
VoutFET = 0 V
IFET = 70 mA
CLOAD = 10 μF
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com