Electronic Components Datasheet Search
  English  ▼

X  

USB4640 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 31Page - SMSC Corporation USB4640 Datasheet HTML 32Page - SMSC Corporation USB4640 Datasheet HTML 33Page - SMSC Corporation USB4640 Datasheet HTML 34Page - SMSC Corporation USB4640 Datasheet HTML 35Page - SMSC Corporation USB4640 Datasheet HTML 36Page - SMSC Corporation USB4640 Datasheet HTML 37Page - SMSC Corporation USB4640 Datasheet HTML 38Page - SMSC Corporation USB4640 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
35
Revision 1.0 (06-09-09)
DATASHEET
8.4.1.17
9Ah: USB BmAttribute (1 byte)
8.4.1.18
9Bh: USB MaxPower (1 byte)
BIT
NAME
DESCRIPTION
7:0
USB_BM_ATT
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA) or bus-powered
(limited to 100 mA maximum power prior to being configured by the host
controller).
When configured as a bus-powered device, the SMSC hub consumes less
than 100 mA of current prior to being configured. After configuration, the bus-
powered SMSC hub (along with all associated hub circuitry, any embedded
devices if part of a compound device, and 100 mA per externally available
downstream port) must consume no more than 500 mA of current. The
current consumption is system dependent, and the OEM must ensure that
the USB 2.0 Specification is not violated.
When configured as a self-powered device, <1 mA of current is consumed
and all ports are available, with each port being capable of sourcing 500 mA
of current.
80 = Bus-powered operation (default)
C0 = Self-powered operation
A0 = Bus-powered operation with remote wake-up
E0 = Self-powered operation with remote wake-up
BIT
NAME
DESCRIPTION
7:0
USB_MAX_PWR
USB Max Power per the USB 2.0 Specification. Do NOT set this value
greater than 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com